Electronic Components Datasheet Search
  English  ▼

X  

1018313 Datasheet(PDF) 3 Page - SICK AG

Part # 1018313
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018313 Datasheet(HTML) 3 Page - SICK AG

  1018313 Datasheet HTML 1Page - SICK AG 1018313 Datasheet HTML 2Page - SICK AG 1018313 Datasheet HTML 3Page - SICK AG 1018313 Datasheet HTML 4Page - SICK AG 1018313 Datasheet HTML 5Page - SICK AG 1018313 Datasheet HTML 6Page - SICK AG 1018313 Datasheet HTML 7Page - SICK AG 1018313 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WL24-2R538 | W24-2
PHOTOELECTRIC SENSORS
4 A (24 V DC)
Response time
≤ 10 ms
Switching frequency
10 Hz 2)
Connection type
Mini connector 7/8", 5-pin
Circuit protection
A 3)
C 4)
Protection class
II 5)
Weight
330 g
Polarisation filter
✔
Housing material
Metal, Zinc diecast
Optics material
Plastic, PMMA
Enclosure rating
IP67
Usage category
AC-15, DC-13, according to EN 60947-1
Ambient operating temperature
–40 °C ... +60 °C
Ambient storage temperature
–40 °C ... +75 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Limit values; permitted cross-section: 0.14 ... 1.5 mm2.
2) With light/dark ratio 1:1.
3) A = VS connections reverse-polarity protected.
4) C = interference suppression.
5) Rated voltage: 250 V AC/DC.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
ETIM 5.0
EC002717
ETIM 6.0
EC002717
UNSPSC 16.0901
39121528
2017-11-09 11:23:44 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com