Electronic Components Datasheet Search
  English  ▼

X  

AMC1106X Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC1106X
Description  Small, High-Precision, Basic Isolated Delta-Sigma Modulators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1106X Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1106X Datasheet HTML 17Page - Texas Instruments AMC1106X Datasheet HTML 18Page - Texas Instruments AMC1106X Datasheet HTML 19Page - Texas Instruments AMC1106X Datasheet HTML 20Page - Texas Instruments AMC1106X Datasheet HTML 21Page - Texas Instruments AMC1106X Datasheet HTML 22Page - Texas Instruments AMC1106X Datasheet HTML 23Page - Texas Instruments AMC1106X Datasheet HTML 24Page - Texas Instruments AMC1106X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Clock
Uncoded
Bitstream
Machester
Coded
Bitstream
1
0
1
0
1
1
1
0
0
1
1
0
0
0
1
IN
Clipping
Clipping
V
V
2 V
u
ModulatorOutput
AnalogInput
+FS(AnalogInput)
-FS(AnalogInput)
21
AMC1106E05, AMC1106M05
www.ti.com
SBAS789 – OCTOBER 2017
Product Folder Links: AMC1106E05 AMC1106M05
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.4 Digital Output
A differential input signal of 0 V ideally produces a stream of ones and zeros that are high 50% of the time. A
differential input of 50 mV produces a stream of ones and zeros that are high 89.06% of the time. With 16 bits of
resolution on the decimation filter, that percentage ideally corresponds to code 58368. A differential input of –50
mV produces a stream of ones and zeros that are high 10.94% of the time and ideally results in code 7168 with a
16-bit resolution decimation filter. This –50-mV to 50-mV input voltage range is also the specified linear range
FSR of the AMC1106 with performance as specified in this document. If the input voltage value exceeds this
range, the output of the modulator shows nonlinear behavior where the quantization noise increases. The output
of the modulator clips with a stream of only zeros with an input less than or equal to –64 mV or with a stream of
only ones with an input greater than or equal to 64 mV. In this case, however, the AMC1106 generates a single 1
(if the input is at negative full-scale) or 0 every 128 clock cycles to indicate proper device function (see the Fail-
Safe Output section for more details). Figure 45 shows the input voltage versus the modulator output signal.
Figure 45. Analog Input versus AMC1106 Modulator Output
Equation 1 calculates the density of ones in the output bitstream for any input voltage value (with the exception
of a full-scale input signal, as described in the Output Behavior in Case of a Full-Scale Input section):
(1)
The AMC1106 system clock is provided externally at the CLKIN pin. For more details, see the Switching
Characteristics table and the Manchester Coding Feature section.
8.3.5 Manchester Coding Feature
The AMC1106E05 offers the IEEE 802.3-compliant Manchester coding feature that generates at least one
transition per bit to support clock signal recovery from the bitstream. A Manchester coded bitstream is free of dc
components and supports single-wire data and clock transfer without having to consider the setup and hold time
requirements of the receiving device. The Manchester coding combines the clock and data information using
exclusive or (XOR) logical operation. Figure 46 shows the resulting bitstream. The duty cycle of the Manchester
encoded bitstream depends on the duty cycle of the input clock CLKIN.
Figure 46. Manchester Coded Output of the AMC1106E05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com