Electronic Components Datasheet Search
  English  ▼

X  

AM3351 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM3351
Description  Sitara Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3351 Datasheet(HTML) 4 Page - Texas Instruments

  AM3351 Datasheet HTML 1Page - Texas Instruments AM3351 Datasheet HTML 2Page - Texas Instruments AM3351 Datasheet HTML 3Page - Texas Instruments AM3351 Datasheet HTML 4Page - Texas Instruments AM3351 Datasheet HTML 5Page - Texas Instruments AM3351 Datasheet HTML 6Page - Texas Instruments AM3351 Datasheet HTML 7Page - Texas Instruments AM3351 Datasheet HTML 8Page - Texas Instruments AM3351 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 253 page
background image
4
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352, AM3351
SPRS717J – OCTOBER 2011 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 AM3351
Device Overview
Copyright © 2011–2016, Texas Instruments Incorporated
1.2
Applications
•
Gaming Peripherals
•
Home and Industrial Automation
•
Consumer Medical Appliances
•
Printers
•
Smart Toll Systems
•
Connected Vending Machines
•
Weighing Scales
•
Educational Consoles
•
Advanced Toys
(1)
For more information, see Section 9, Mechanical, Packaging, and Orderable Information.
1.3
Description
The AM335x microprocessors, based on the ARM Cortex-A8 processor, are enhanced with image,
graphics processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The
devices support high-level operating systems (HLOS). Linux® and Android™ are available free of charge
from TI.
The AM335x microprocessor contain the subsystems shown in Figure 1-1 and a brief description of each
follows:
The microprocessor unit (MPU) subsystem is based on the ARM Cortex-A8 processor and the PowerVR
SGX™ Graphics Accelerator subsystem provides 3D graphics acceleration to support display and gaming
effects.
The PRU-ICSS is separate from the ARM core, allowing independent operation and clocking for greater
efficiency and flexibility. The PRU-ICSS enables additional peripheral interfaces and real-time protocols
such as EtherCAT, PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others.
Additionally, the programmable nature of the PRU-ICSS, along with its access to pins, events and all
system-on-chip (SoC) resources, provides flexibility in implementing fast, real-time responses, specialized
data handling operations, custom peripheral interfaces, and in offloading tasks from the other processor
cores of SoC.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
AM3359ZCZ
NFBGA (324)
15.0 mm × 15.0 mm
AM3358ZCZ
NFBGA (324)
15.0 mm × 15.0 mm
AM3357ZCZ
NFBGA (324)
15.0 mm × 15.0 mm
AM3356ZCZ, AM3356ZCE
NFBGA (324), NFBGA (298)
15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm
AM3354ZCZ, AM3354ZCE
NFBGA (324), NFBGA (298)
15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm
AM3352ZCZ, AM3352ZCE
NFBGA (324), NFBGA (298)
15.0 mm × 15.0 mm, 13.0 mm × 13.0 mm
AM3351ZCE
NFBGA (298)
13.0 mm × 13.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com