Electronic Components Datasheet Search
  English  ▼

X  

PA44 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA44
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PA44 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA44 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA44 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA44 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA44 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• SURFACE MOUNT PACKAGE
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V
• LOW QUIESCENT CURRENT—2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120 mA PEAK
APPLICATIONS
• TELEPHONE RING GENERATOR
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
DESCRIPTION
The PA44 is a high voltage monolithic MOSFET operational
amplifier achieving performance features previously found
only in hybrid designs while increasing reliability. Inputs are
protected from excessive common mode and differential mode
voltages. The safe operating area (SOA) has no second
breakdown limitations and can be observed with all type loads
by choosing an appropriate current limiting resistor. External
compensation provides the user flexibility in choosing
optimum gain and bandwidth for the application.
The PA44 is packaged in Apex's PSOP1 non-hermetic
surface mountable dual in line package. The metal back of the
package is tied to –Vs.
The PA44 is set for a gain of 38.5 boosting the 2.33V signal
to 90V. The recommended compensation for gains above 30
is used. If capacitive loading is at least 330pF at all times, the
recommended snubber network may be omitted. The 27 ohm
resistor sets current limit to a nominal value of 111mA to insure
peak currents out of at least 78mA.
Telephone Ring Generator
PHASE COMPENSATION
Gain
C
C
R
C
1
18pF
2.2K
Ω
≥10
10pF
2.2K
Ω
≥30
3.3pF
2.2K
Ω
EXTERNAL CONNECTIONS
EQUIVALENT SCHEMATIC
MUR120
IN6300A
.22
27
100
330pf
2.2K
3.3pF
.22
100K
2.67K
2.5K + 15
10K
10K
ICL8038
11
10
8
7
2
6
5
4
PA44
MUR130
IN6300A
90Vrms
82K
*
140V
–140V
–15V
* 1.5
µF @ 16Hz
1.2
µF @ 20Hz
15V
MUR120
MUR130
TYPICAL APPLICATION
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA44
–IN
OUT
+V
S
–V
S
+IN
D2
D3
D4
D5
Q5
Q4
5
7
12
21
15
13
Q1
Q11
Q12
D1
Q2
Q6
Q8
Q13
SUB
Q14
Q10
Q9
Q7
Q3
I
LIM
COMP
COMP
19
17
TOP VIEW
OUT
COMP
COMP
100
Ω
13
15
17
19
21
12
15
7
–IN
NC
+IN
–VS
+VS
CC
RC
RLIM
RLIM
ILIM
*
330pF
CS
*
* Supply bypassing required. See General Operating Considerations.


Similar Part No. - PA44

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44-40-01-PD ETC2-PA44-40-01-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-01-PDZ ETC2-PA44-40-01-PDZ Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PD ETC2-PA44-40-33-PD Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-33-PDZ ETC2-PA44-40-33-PDZ Datasheet
40Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
PA44-40-P64 ETC2-PA44-40-P64 Datasheet
36Kb / 1P
44 pin PLCC socket/40 pin DIP 0.6??plug
More results

Similar Description - PA44

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com