Electronic Components Datasheet Search
  English  ▼

X  

601 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # 601
Description  Optically Isolated 5 and 10A/250 Vac
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

601 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  601 Datasheet HTML 1Page - Willow Technologies Ltd 601 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
601 16
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
601\072002\Q1
Optically Isolated 5 and 10A/250 Vac
AC Solid-State Relay
FEATURES
• Optical Isolation: Isolates control elements from
load transients
• Floating Output: Eliminates ground loops and
signal-level ground noise.
• Zero Voltage Turn-On: Reduces switching
transient noise
• Low Off-State Leakage Current: High off-state
impedance.
• High Dielectric Strength: For safety and
protection of signal-level circuits.
DESCRIPTION
This series of AC SSRs has been designed to
incorporate custom integrated circuits to replace
conventional discrete circuitry. The result is a relay
with low component count, high performance,
reliability, and low cost. Optical coupling between
control and load provides a minimum of 1500
Vrms input/output isolation. The output circuitry
includes built-in snubber protection to guarantee
high immunity from false triggering and reliable
switching of low power factor loads.These relays
are available in three terminal styles for optimum
mounting flexibility. Pin terminals mount directly
on a printed circuit board, screw terminals or quick
disconnect terminals are for chassis or heat sink
mounting.
Series 601
WIRING DIAGRAM
INPUT (CONTROL) SPECIFICATIONS
Min
Max
Units
Control Voltage Range
3.0
32.0
Vdc
Input Current
14
mA
Must Turn-On Voltage
3.0
Vdc
Must Turn-Off Voltage
1.0
Vdc
Reverse Voltage
–32
Vdc
Part Number
Description
601-1*
5A, 280Vac solid-state relay
601-2*
10A, 280Vac solid-state relay
*Add H suffix for higher over voltage
See Note 3
MECHANICAL SPECIFICATION
SCREW TERMINAL VERSION (10A)
601-2, -2H
WEIGHT: 3.0 oz. (85g)
UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
X.XX ±.01 INCHES
X.XXX ±.005 INCHES
PC BOARD VERSION (5A)
601-1, -1H
1.00
(25.4)
.60
(15.24)
TO ACCEPT
#6–32 TERMINAL
SCREWS (4 PL)
THRU MTG. HOLE
TO ACCEPT
#6 SCREW
.110 (2.794) DIA
ANTIROTATION
BOSS ON VERTICAL
CENTER LINE
3
4
2
1
1.50
(38.1)
2.00
(50.8)
.04 ±.02
.750
(19.05)
.90
(22.8)
MAX
12
34
2.00
(50.8)
±.02
.375
(9.52)
MIN
.970 MAX
(24.54)
.032 (.81) DIA
PIN (4 PL)
1.50
(38.1)
.80
(15.24)
1.00
(25.4)
Figure 1 – 601-1 and 601-2 relays;
dimensions in inches (mm)
DC CONTROL
SOURCE
AC LINE
*MOV
*Optional MOV
1
1+
1–
2
3
4
Figure 2


Similar Part No. - 601

ManufacturerPart #DatasheetDescription
logo
Littelfuse
601 LITTELFUSE-601 Datasheet
99Kb / 1P
MINIATURE FUSEHOLDERS
logo
List of Unclassifed Man...
601 ETC2-601 Datasheet
206Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Bourns Electronic Solut...
601 BOURNS-601 Datasheet
231Kb / 2P
RC Network T-Filters
logo
Belden Inc.
601 BELDEN-601 Datasheet
389Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
601 ADAFRUIT-601 Datasheet
146Kb / 2P
Adafruit AVR ATmegaXX8 Pinout Sticker - 10 pcs
7/22/2015
More results

Similar Description - 601

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
optically isolated error amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Teledyne Technologies I...
601-1 TELEDYNE-601-1 Datasheet
481Kb / 2P
Optically Isolated 5 and 10A/250 Vac
652-1 TELEDYNE-652-1 Datasheet
290Kb / 2P
25A, 250 Vrms Optically isolated
682-1Y TELEDYNE-682-1Y Datasheet
130Kb / 2P
1A, 250 Vrms Optically Isolated
LD00KM TELEDYNE-LD00KM Datasheet
568Kb / 3P
10A, 270Vdc, Optically Isolated NEW Silicon Carbide, DC Solid-State Relay
06/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com