Electronic Components Datasheet Search
  English  ▼

X  

SC61 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # SC61
Description  Low On Resistance power FET Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SC61 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  SC61 Datasheet HTML 1Page - Willow Technologies Ltd SC61 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
C61 5
C61\072002\Q1
Optically Isolated 0.3 to 1.0A
DC Solid-State Relay
FEATURES/BENEFITS
•Optical Isolation: Isolates
control elements from load
transients. Eliminates
ground loops and signal
ground noise.
• Low On Resistance power
FET Output: Low leakage
and voltage drop.
•Switches High Voltages
and Currents: Voltages to
400 Vdc; Currents to
1.0 Adc
• Floating Output: Allows for
high and low side
switching
• High Noise Immunity:
Control circuit can not be
triggered by output
switching noise.
• 6-Pin Mini DIP Package:
Through-hole or surface-
mount available
DESCRIPTION
The Series C61 solid-state
relay is an advanced design
capable of switching heavy
loads in a physically small 6
pin mini-DIP package. These
relays have a power FET
output that ensures low On
Resistance, and low leakage
current.
Optical isolation ensures
complete protection of signal
lines, power and ground bus
and control circuits from
switching noise and EMI.
Series C61
Part Number
Relay Description


Similar Part No. - SC61

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC6102K FUMAN-SC6102K Datasheet
136Kb / 1P
Rocker IC
logo
Silan Microelectronics ...
SC6105 SILAN-SC6105 Datasheet
386Kb / 8P
VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
SC6105B SILAN-SC6105B Datasheet
386Kb / 8P
VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
SC6121 SILAN-SC6121 Datasheet
137Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER
SC6121-001 SILAN-SC6121-001 Datasheet
137Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER
More results

Similar Description - SC61

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
Rohm
BD63524EFV ROHM-BD63524EFV Datasheet
1Mb / 26P
Low ON resistance DMOS output
BD63730EFV ROHM-BD63730EFV Datasheet
2Mb / 29P
Low ON-Resistance DMOS output
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com