Electronic Components Datasheet Search
  English  ▼

X  

C76 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # C76
Description  Optically isolated computer input/output modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

C76 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  C76 Datasheet HTML 1Page - Willow Technologies Ltd C76 Datasheet HTML 2Page - Willow Technologies Ltd C76 Datasheet HTML 3Page - Willow Technologies Ltd C76 Datasheet HTML 4Page - Willow Technologies Ltd C76 Datasheet HTML 5Page - Willow Technologies Ltd C76 Datasheet HTML 6Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
C76 20
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
C76\072002\Q1
Optically isolated
computer input/output modules
APPLICATIONS
• Robotics
• Programmable Controllers
• Process Control
• Machine Tool Control
• Energy Management
• Automatic Test Equipment
FEATURES/BENEFITS
• Input Enable Function: For computer timing
function control.
• Floating Outputs: Eliminates ground loops and
signal noise. Protects computer I/O and logic
circuits
• Low Off-State Leakage: High off-state
impedance
• Switches/Controls High Voltages: To 250 Vrms
Switches/Controls High Currents: To 1.0 Arms
• High Noise Immunity: Control signals isolated
from switching noise
• High Dielectric Strength: Safety and protection
of control and signal level circuits
DESCRIPTION
The Series C76 solid-state computer input/output
modules are designed expressly for application in
computerized control systems where reliable
noise-free interface of switching is required to
isolate computer logic elements from high
conducted noise encountered in industrial
environments. Sensitive logic circuitry is kept
noise-free by means of optical isolation between
logic and power lines.
Output modules allow either TTL or CMOS level
signals to control the switching of power to high
voltage and high current loads. Hysteresis at the
input significantly increases the noise margin when
used in the CMOS input mode, preventing false
triggering in noisy environments
Input modules convert the presence or absence
of load level voltages from pressure, flow,
temperature and other transducers, limit switches,
solenoids or relays to “clean” low level logic signals
for computer input. An ENABLE function maintains
the module’s output in an “open” state until the
ENABLE terminal is brought up to the bias supply
level.
Series C76
C76 I/O INTERFACE SYSTEM


Similar Part No. - C76

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C7600A GENERAL-C7600A Datasheet
72Kb / 1P
1C #24 7/32 TC PVC HOOK UP WIRE
C7602A GENERAL-C7602A Datasheet
72Kb / 1P
1C 22 7/30 TC PV HOOK-UP WIRE
C7604A GENERAL-C7604A Datasheet
72Kb / 1P
1C 20 10/30 TC PVC HOOK-UP WIRE
C7606A GENERAL-C7606A Datasheet
72Kb / 1P
1C 18 16/30 TC PVC HOOK-UP WIRE
C7608A GENERAL-C7608A Datasheet
79Kb / 1P
1C 16 26/30 TC PVC HOOK-UP WIRE
More results

Similar Description - C76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
Input/Output Modules
SCM9B-3000 ETC1-SCM9B-3000 Datasheet
25Kb / 2P
Computer-to-Analog Output Modules
logo
Teledyne Technologies I...
C76AO-1 TELEDYNE-C76AO-1 Datasheet
1Mb / 6P
Optically isolated computer input/output modules
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
32-ch Isolated Digital Input/Output Slave Modules
logo
Crydom Inc.,
DC100A40CH CRYDOM-DC100A40CH Datasheet
1,013Kb / 6P
Optically Isolated MOSFET output
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
Input/Output Modules
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
32-ch Isolated Digital Input/Output Slave Modules
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com