Electronic Components Datasheet Search
  English  ▼

X  

SC75-2 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # SC75-2
Description  Optically Isolated 1.0A with Short-Circuit Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

SC75-2 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  SC75-2 Datasheet HTML 1Page - Willow Technologies Ltd SC75-2 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2004 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
C75 1
C75\112004\Q1
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status
DC Solid-State Relay
FEATURES/BENEFITS
• Short Circuit Protected:
Prevents damage to system
components, assemblies and
system wiring
• Trip Status: Provides status
monitoring and feedback of the
protection state
• Optical Isolation: Isolates control
circuits from load transients
Eliminates ground loops and
signal ground noise
• Low Off-State Leakage: For high
off-state impedance
• Switches High Currents: To
1.0 Adc
• High Dielectric Strength:
For safety and for protection of
control and signal level circuits
DESCRIPTION
The C75-2S solid state relay utilizes
a power FET switch that is protected
against overload and short circuit
currents. Protection is provided
against turn-on into a short circuit,
shorts that occur while conducting
loads up to rated or for long term
overload currents above rated that
slowly overheat the relay. Once the
protection trips the relay off it will
remain off until reset by cycling the
input control. Using the C75-2S to
switch power loads can prevent
fires, damage to system assemblies
and system wiring. The power FET
output offers low “On” resistance and
can switch loads in either the high or
the low side of the power line. The
C75-2 is packaged in a 16 pin DIP,
with surface mount or through hole
mounting available. The C75-2SH
also provides an open collector trip
status feedback to the relay’s control
side for short circuit and thermal trip
monitoring.
H = Relay has an internal over
voltage suppressor for
inductive loads.
Series C75


Similar Part No. - SC75-2

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SC75-2 TELEDYNE-SC75-2 Datasheet
859Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Bel Fuse Inc.
SC75-220 BEL-SC75-220 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-221 BEL-SC75-221 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-270 BEL-SC75-270 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
SC75-271 BEL-SC75-271 Datasheet
864Kb / 1P
SMD POWER INDUCTORS Open frame construction.
More results

Similar Description - SC75-2

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Clare, Inc.
CPC1580 CLARE-CPC1580 Datasheet
846Kb / 11P
Optically Isolated Gate Drive Circuit
CPC1590 CLARE-CPC1590 Datasheet
378Kb / 10P
Optically Isolated Gate Drive Circuit
logo
Teledyne Technologies I...
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
C63 WILLOW-C63 Datasheet
179Kb / 3P
1.0A, 60 Vdc Optically Isolated
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
logo
IXYS Corporation
CPC1580 IXYS-CPC1580 Datasheet
285Kb / 13P
Optically Isolated Gate Drive Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com