Electronic Components Datasheet Search
  English  ▼

X  

OV7735 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV7735
Description  ultra high performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7735 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV7735 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7735 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High-Speed VGA Image Sensor for Video, Gaming
and Portable Entertainment
OV7735 VGAproductbrief
lead free
available in
a lead-free
package
The OV7735 is an advanced VGA image sensor that can
capture video at 60 frames per second (fps) enabling
smoother motion video and achieve improved accuracy for
motion detection applications. Implementing OmniVision's
proven 3.0 µm OmniPixel3-HS™ high sensitivity pixel
architecture ensures high quality video recording even in
the most challenging lighting conditions, achieving low-
light performance of 3300 mV/lux-sec. The image sensor's
design enables some of the thinnest (<3 mm) VGA camera
solutions capable of high-speed recording, making the
OV7735 ideal for portable applications including digital
video cameras, portable media players (PMPs), gaming
devices and webcams.
The OV7735 offers complete user control over image
quality, resolution and output data format. The OV7735
provides full frame, sub-sampled, windowed or scaled
8-bit/10-bit images in RAW RGB and YUV formats over
a parallel DVP or serial MIPI port, offering a versatile
platform for use in single and multi-camera applications.
All required image processing functions, including
exposure control, white balance, and defective pixel
detection and correction are programmable through the
serial camera control bus (SCCB) interface. The OV7735
also addresses image contamination issues such as fixed
pattern noise, smearing and blooming, producing a clear,
crisp color image. Designed largely for portable or wireless
applications, the new sensor offers low power
consumption, requiring just 100 mW under normal
operating conditions.
Find out more at www.ovt.com.


Similar Part No. - OV7735

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7739 OMNIVISION-OV7739 Datasheet
321Kb / 2P
Ultra-Thin High-Performance Video Sensor
More results

Similar Description - OV7735

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-50170G-C2-R0 ATS-ATS-50170G-C2-R0 Datasheet
300Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50210P-C2-R0 ATS-ATS-50210P-C2-R0 Datasheet
307Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50250B-C2-R0 ATS-ATS-50250B-C2-R0 Datasheet
297Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50300B-C2-R0 ATS-ATS-50300B-C2-R0 Datasheet
298Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50325B-C2-R0 ATS-ATS-50325B-C2-R0 Datasheet
299Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50350G-C2-R0 ATS-ATS-50350G-C2-R0 Datasheet
304Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50375G-C2-R0 ATS-ATS-50375G-C2-R0 Datasheet
305Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
ATS-50425G-C2-R0 ATS-ATS-50425G-C2-R0 Datasheet
305Kb / 1P
Ultra High Performance BGA Cooling
REV1_0908
logo
ATMEL Corporation
AT40K05 ATMEL-AT40K05_14 Datasheet
88Kb / 4P
Ultra High Performance
logo
Xilinx, Inc
XC7336 XILINX-XC7336 Datasheet
97Kb / 12P
Ultra high-performance EPLD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com