Electronic Components Datasheet Search
  English  ▼

X  

OV9674 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9674
Description  high sensitivity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9674 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9674 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9674 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OV9674 CameraChip™ Sensor Delivers 1.3-Megapixel
High Definition Imaging to Advanced Consumer Video
Applications
OV9674 1.3MPproductbrief
lead free
available in
a lead-free
package
OmniVision's OV9674 is a high definition (HD) OmniBSI™
image sensor designed for advanced consumer video
imaging applications such as dashboard camera
recorders and DIY vehicle camera systems. The OV9674
captures clear 1.3-megapixel HD images and video at
30 frames per second (fps) in a wide range of lighting
conditions. The OV9674 enables advanced imaging
functionality such as high dynamic range (HDR), lens
shading correction, and de-noise.
Built on a 4.2-micron OmniBSI™ pixel, the OV9674
supports high quality output in a variety of RAW
formats and enables high speed serial data transfer with
MIPI CSI-2, parallel 12-bit DVP output. Featuring a
1/2.56-inch optical format, the OV9674 fits into a
7.43 mm x 7.19 mm chip scale package (CSP) and
operates at commercial temperature grade from -30°C
to +85°C.
Find out more at www.ovt.com.


Similar Part No. - OV9674

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9620 OMNIVISION-OV9620 Datasheet
384Kb / 24P
Horizontal & Vertical Sub-sampling (4:2 & 4:2)
Version 2.0
OV9623 OMNIVISION-OV9623 Datasheet
2Mb / 2P
auto white balance control
logo
List of Unclassifed Man...
OV9625 ETC1-OV9625 Datasheet
361Kb / 30P
OV9625 Color CMOS SXGA (1.3 MPixel) CAMERACHIP OV9121 B&W CMOS SXGA (1.3 MPixel) CAMERACHIP
logo
OmniVision Technologies...
OV9650 OMNIVISION-OV9650 Datasheet
791Kb / 26P
OV9650 Color CMOS SXGA (1.3 MegaPixel) CAMERACHIPTM with OmniPixelTM Technology
OV9655 OMNIVISION-OV9655 Datasheet
164Kb / 2P
ultimate 1/4 inch camera-on-a-chip
More results

Similar Description - OV9674

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTR-546AD LITEON-LTR-546AD Datasheet
146Kb / 4P
HIGH PHOTO SENSITIVITY
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
High Sensitivity
logo
Micropac Industries
65025 MICROPAC-65025 Datasheet
42Kb / 2P
High magnetic sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
High sensitivity
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
High sensitivity
J102 CIT-J102 Datasheet
100Kb / 3P
High sensitivity
J104D CIT-J104D Datasheet
101Kb / 2P
High sensitivity
logo
Everlight Electronics C...
EAITRAA2 EVERLIGHT-EAITRAA2 Datasheet
767Kb / 10P
High sensitivity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com