Electronic Components Datasheet Search
  English  ▼

X  

OV9752 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9752
Description  RGB-IR color filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9752 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9752 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9752 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance CameraChip™ Sensor with RGB-IR
Color Filter for Advanced Security Applications
OV9752 720pHDproductbrief
lead free
available in
a lead-free
package
OmniVision's OV9752 CameraChip™ captures high
quality (HD) images and video in 1280 x 960 pixel
resolution as well as infrared information, providing
excellent scene reproduction regardless of lighting
conditions. These benefits make the OV9752 an ideal
camera solution for security systems designed to record
during day and night.
The OV9752 replaces the traditional mechanical rotary
filter with an RGB-IR dual band color filter to simplify
design, reduce package footprint, and capture
extremely high quality infrared images and video.
Built on the 3.75-micron OmniPixel3-HS™ pixel
architecture, the OV9752 delivers excellent results
whether recording visible light or infrared, capturing
clear images and video in high, low, and "no" light
environments. The sensors can capture in 1280 x 960
pixel resolution video at 60 frames per second (fps) with
10-bit output, or at 45 fps with 12-bit output.
Additionally, the OV9752 features an ultra-low power
mode, which allows the sensor to reduce the resolution
and frame rates, thus further reducing power
consumption.
The OV9752 fits into a 6.3 x 5.2 mm package.
Find out more at www.ovt.com.


Similar Part No. - OV9752

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
OV9755 OMNIVISION-OV9755 Datasheet
1Mb / 2P
two-wire serial bus control (SCCB)
OV9756 OMNIVISION-OV9756 Datasheet
664Kb / 2P
two-wire serial bus control (SCCB)
More results

Similar Description - OV9752

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E3MC ETC-E3MC Datasheet
674Kb / 26P
RGB Color Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-S822-QR999 AVAGO-HDJD-S822-QR999 Datasheet
274Kb / 11P
RGB Color Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Everlight Electronics C...
CLS15-22C-L213B-TR8 EVERLIGHT-CLS15-22C-L213B-TR8_15 Datasheet
910Kb / 11P
RGB Color Light Sensor
logo
TT Electronics.
OVSRRGBCC3 TTELEC-OVSRRGBCC3 Datasheet
1Mb / 7P
Full-color RGB
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
Full-color RGB
logo
Kingbright Corporation
APS5130PD7C-P22 KINGBRIGHT-APS5130PD7C-P22 Datasheet
206Kb / 4P
RGB Color Sensor
logo
OmniVision Technologies...
OV2736 OMNIVISION-OV2736 Datasheet
813Kb / 2P
4x4 RGB-Ir pattern
logo
HK TO-GRACE TECHNOLOGY ...
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
RGB Color Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com