Electronic Components Datasheet Search
  English  ▼

X  

P352HAF474KALJ Datasheet(PDF) 9 Page - World Produts Inc.

Part # P352HAF474KALJ
Description  Self-healing properties
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

P352HAF474KALJ Datasheet(HTML) 9 Page - World Produts Inc.

  P352HAF474KALJ Datasheet HTML 1Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 2Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 3Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 4Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 5Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 6Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 7Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 8Page - World Produts Inc. P352HAF474KALJ Datasheet HTML 9Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Pilkor components
PFC Input Capacitors
PCMP 352
Metallized Polypropylene film capacitors
(MPP)
273
PRODUCT MARKING
The capacitors are marked with the following informations :
. Rated capacitance in code according to IEC 60062 ( 470n ; 470nF )
. Tolerance on rated capacitance ( J : ±5%, K : ±10% )
. Rated DC voltage ( 450V )
. Manufacturer's mark ( PILKOR )
. Manufacturer's type designation ( 352 )
. Code for dielectric material ( MKP )
. Date code number ( WK.… )
Example of marking
Pitch = 10.0mm
Marking on the side
Pitch = 15.0mm
Marking on the top
Marking on the side
470n K 450V
352
MKP
PILKOR
WK....
470n K 450V
352 MKP ….
PILKOR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com