Electronic Components Datasheet Search
  English  ▼

X  

AD9201 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9201
Description  Resolution CMOS ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9201 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9201 Datasheet HTML 7Page - Analog Devices AD9201 Datasheet HTML 8Page - Analog Devices AD9201 Datasheet HTML 9Page - Analog Devices AD9201 Datasheet HTML 10Page - Analog Devices AD9201 Datasheet HTML 11Page - Analog Devices AD9201 Datasheet HTML 12Page - Analog Devices AD9201 Datasheet HTML 13Page - Analog Devices AD9201 Datasheet HTML 14Page - Analog Devices AD9201 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD9201
–10–
REV. D
REFERENCE AND REFERENCE BUFFER
The reference and buffer circuitry on the AD9201 is configured
for maximum convenience and flexibility. An illustration of the
equivalent reference circuit is show in Figure 26. The user can
select from five different reference modes through appropriate
pin-strapping (see Table I below). These pin strapping options
cause the internal circuitry to reconfigure itself for the appropri-
ate operating mode.
Table I. Table of Modes
Mode
Input Span
REFSENSE Pin Figure
1 V
1 V
VREF
22
2 V
2 V
AGND
23
Programmable
1 + (R1/R2)
See Figure
24
External
= External Ref
AVDD
25
1 V Mode (Figure 22)—provides a 1 V reference and 1 V input
full scale. Recommended for applications wishing to optimize
high frequency performance, or any circuit on a supply voltage
of less than 4 V. The part is placed in this mode by shorting the
REFSENSE pin to the VREF pin.
I OR QREFT
I OR QREFB
IINA
IINB
VREF
0.1 F10 F
0.1 F
0.1 F
0.1 F
AD9201
0.1 F
10 F
10 F
1V
0V
QINB
QINA
5k
5k
REFSENSE
1V
0V
1V
Figure 22. 0 V to 1 V Input
2 V Mode (Figure 23)—provides a 2 V reference and 2 V input
full scale. Recommended for noise sensitive applications on 5 V
supplies. The part is placed in 2 V reference mode by grounding
(shorting to AVSS) the REFSENSE pin.
I OR QREFT
I OR QREFB
IINA
IINB
VREF
0.1 F10 F
0.1 F
0.1 F
0.1 F
AD9201
0.1 F
10 F
10 F
2V
0V
QINB
QINA
5k
5k
REFSENSE
2V
0V
Figure 23. 0 V to 2 V Input
Externally Set Voltage Mode (Figure 24)—this mode uses
the on-chip reference, but scales the exact reference level though
the use of an external resistor divider network. VREF is wired to
the top of the network, with the REFSENSE wired to the tap
point in the resistor divider. The reference level (and input full
scale) will be equal to 1 V
× (R1 + R2)/R1. This method can be
used for voltage levels from 0.7 V to 2.5 V.
I OR QREFT
I OR QREFB
VREF
0.1 F10 F
0.1 F
0.1 F
AD9201
REFSENSE
+ –
AVSS
0.1 F
1 F
R2
R1
1V
VREF = 1 + R2
R1
Figure 24. Programmable Reference
External Reference Mode (Figure 25)—in this mode, the on-
chip reference is disabled, and an external reference is applied to
the VREF pin. This mode is achieved by tying the REFSENSE
pin to AVDD.
1V
EXT
REFERENCE
AVDD
I OR QREFT
I OR QREFB
IINA
IINB
VREF
0.1 F10 F
0.1 F
0.1 F
0.1 F
AD9201
0.1 F
10 F
10 F
1V
0V
QINB
QINA
5k
5k
REFSENSE
1V
0V
Figure 25. External Reference
Reference Buffer—The reference buffer structure takes the
voltage on the VREF pin and level-shifts and buffers it for use
by various subblocks within the two A/D converters. The two
converters share the same reference buffer amplifier to maintain
the best possible gain match between the two converters. In the
interests of minimizing high frequency crosstalk, the buffered
references for the two converters are separately decoupled on
the IREFB, IREFT, QREFB and QREFT pins, as illustrated in
Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com