Electronic Components Datasheet Search
  English  ▼

X  

AD9240AS Datasheet(PDF) 25 Page - Analog Devices

Part # AD9240AS
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240AS Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9240AS Datasheet HTML 17Page - Analog Devices AD9240AS Datasheet HTML 18Page - Analog Devices AD9240AS Datasheet HTML 19Page - Analog Devices AD9240AS Datasheet HTML 20Page - Analog Devices AD9240AS Datasheet HTML 21Page - Analog Devices AD9240AS Datasheet HTML 22Page - Analog Devices AD9240AS Datasheet HTML 23Page - Analog Devices AD9240AS Datasheet HTML 24Page - Analog Devices AD9240AS Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
AD9240
Rev. B | Page 24 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-022-AB-1
13.45
13.20 SQ
12.95
0.45
0.29
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
12
44
1
22
23
34
33
11
0.25
0.10
2.20
2.00
1.80
7°
0°
VIEW A
ROTATED 90° CCW
0.23
0.11
10.20
10.00 SQ
9.80
0.80 BSC
LEAD PITCH
LEAD WIDTH
0.10
COPLANARITY
VIEW A
SEATING
PLANE
1.60 REF
PIN 1
Figure 1. 44-Lead Metric Quad Flat Package [MQFP]
(S-44-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9240AS
−55°C to +85°C
44-Lead MQFP
S-44-1
AD9240ASRL
−55°C to +85°C
44-Lead MQFP
S-44-1
AD9240ASZ
−55°C to +85°C
44-Lead MQFP
S-44-1
AD9240ASZRL
−55°C to +85°C
44-Lead MQFP
S-44-1
1 Z = RoHS Compliant Part.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08985-0-3/10(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com