Electronic Components Datasheet Search
  English  ▼

X  

AD9240ASZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9240ASZ
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240ASZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9240ASZ Datasheet HTML 8Page - Analog Devices AD9240ASZ Datasheet HTML 9Page - Analog Devices AD9240ASZ Datasheet HTML 10Page - Analog Devices AD9240ASZ Datasheet HTML 11Page - Analog Devices AD9240ASZ Datasheet HTML 12Page - Analog Devices AD9240ASZ Datasheet HTML 13Page - Analog Devices AD9240ASZ Datasheet HTML 14Page - Analog Devices AD9240ASZ Datasheet HTML 15Page - Analog Devices AD9240ASZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD9240
REV.
–11–
Table I. Analog Input Configuration Summary
Input
Input
Input Range (V)
Figure
Connection
Coupling
Span (V)
VINA
1
VINB
1
#
Comments
Single-Ended
DC
2
0 to 2
1
32, 33
Best for stepped input response applications, suboptimum THD
and noise performance, requires
±5 V op amp.
2
× VREF
0 to
VREF
32, 33
Same as above but with improved noise performance due to
2
× VREF
increase in dynamic range. Headroom/settling time requirements
of
±5 V op amp should be evaluated.
5
0 to 5
2.5
32, 33
Optimum noise performance, excellent THD performance. Requires
op amp with VCC > +5 V due to insufficient headroom @ 5 V.
2
× VREF
2.5 – VREF
2.5
39
Optimum THD performance with VREF = 1, noise performance
to
improves while THD performance degrades as VREF increases
2.5 + VREF
to 2.5 V. Single supply operation (i.e., +5 V) for many op amps.
Single-Ended
AC
2 or
0 to 1 or
1 or VREF
34
Suboptimum ac performance due to input common-mode level
2
× VREF
0 to 2
× VREF
not biased at optimum midsupply level (i.e., 2.5 V).
5
0 to 5
2.5
34
Optimum noise performance, excellent THD performance.
2
× VREF
2.5 – VREF
2.5
35
Flexible input range, Optimum THD performance with VREF = 1.
to
Noise performance improves while THD performance degrades as
2.5 + VREF
VREF increases to 2.5 V.
Differential
AC or
2
2 to 3
3 to 2
29–31
Optimum full-scale THD and SFDR performance well beyond the
DC
A/Ds Nyquist frequency.
2
× VREF
2.5 – VREF/2
2.5 + VREF/2
29–31
Same as 2 V to 3 V input range with the exception that full-scale
to
to
THD and SFDR performance can be traded off for better noise
2.5 + VREF/2
2.5 – VREF/2
performance.
5
1.25 to 3.75
3.75 to 1.25
29–31
Widest dynamic range (i.e., ENOBs) due to optimum noise
performance.
1VINA and VINB can be interchanged if signal inversion is required.
Table II. Reference Configuration Summary
Reference
Input Span (VINA–VINB)
Operating Mode
(V p-p)
Required VREF (V)
Connect
To
INTERNAL
2
1
SENSE
VREF
INTERNAL
5
2.5
SENSE
REFCOM
INTERNAL
2
≤ SPAN ≤ 5 AND
1
≤ VREF ≤ 2.5 AND
R1
VREF AND SENSE
SPAN = 2
× VREF
VREF = (1 + R1/R2)
R2
SENSE AND REFCOM
EXTERNAL
2
≤ SPAN ≤ 51 ≤ VREF ≤ 2.5
SENSE
AVDD
(NONDYNAMIC)
VREF
EXT. REF.
EXTERNAL
2
≤ SPAN ≤ 5
CAPT and CAPB
SENSE
AVDD
(DYNAMIC)
Externally Driven
VREF
REFCOM
EXT. REF. 1
CAPT
EXT. REF. 2
CAPB
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com