Electronic Components Datasheet Search
  English  ▼

X  

AD9225ARSZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9225ARSZ
Description  Monolithic A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9225ARSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9225ARSZ Datasheet HTML 14Page - Analog Devices AD9225ARSZ Datasheet HTML 15Page - Analog Devices AD9225ARSZ Datasheet HTML 16Page - Analog Devices AD9225ARSZ Datasheet HTML 17Page - Analog Devices AD9225ARSZ Datasheet HTML 18Page - Analog Devices AD9225ARSZ Datasheet HTML 19Page - Analog Devices AD9225ARSZ Datasheet HTML 20Page - Analog Devices AD9225ARSZ Datasheet HTML 21Page - Analog Devices AD9225ARSZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AD9225
–17–
USING AN EXTERNAL REFERENCE
Using an external reference may enhance the dc performance
of the AD9225 by improving drift and accuracy. Figures 20 and 21
show examples of how to use an external reference with the ADC.
Table III is a list of suitable voltage references from Analog
Devices. To use an external reference, the user must disable the
internal reference amplifier and drive the VREF pin. Connecting
the SENSE pin to AVDD disables the internal reference amplifier.
Table III. Suitable Voltage References
Initial
Output
Drift
Accuracy
Operating
Voltage
(ppm/
∞C)
% (max)
Current
Internal
1.00
26
1.4
1 mA
AD589
1.235
10–100
1.2–2.8
50
mA
AD1580
1.225
50–100
0.08–0.8
50
mA
REF191
2.048
5–25
0.1–0.5
45
mA
Internal
2.0
26
1.4
1 mA
The AD9225 contains an internal reference buffer, A2 (see
Figure 5), that simplifies the drive requirements of an external
reference. The external reference must be able to drive about 5
k
W (±20%) load. Note that the bandwidth of the reference
buffer is deliberately left small to minimize the reference noise
contribution. As a result, it is not possible to change the refer-
ence voltage rapidly in this mode.
2.5V+VREF
2.5V–VREF
2.5V
+5V
0.1 F
22 F
VINA
VINB
VREF
SENSE
AD9225
+5V
R2
0.1 F
A1
R1
0.1 F
2.5V
REF
Figure 20. External Reference
Variable Input Span with VCM = 2.5 V
Figure 20 shows an example of the AD9225 configured for an
input span of 2
¥ VREF centered at 2.5 V. An external 2.5 V refer-
ence drives the VINB pin thus setting the common-mode voltage
at 2.5 V. The input span can be independently set by a voltage
divider consisting of R1 and R2, which generates the VREF signal.
A1 buffers this resistor network and drives VREF. Choose this op
amp based on accuracy requirements. It is essential that a mini-
mum of a 10
mF capacitor in parallel with a 0.1 mF low inductance
ceramic capacitor decouple A1’s output to ground.
Single-Ended Input with 0 to 2
¥¥¥¥¥ VREF Range
Figure 21 shows an example of an external reference driving both
VINB and VREF. In this case, both the common-mode voltage
and input span are directly dependent on the value of VREF. More
specifically, the common-mode voltage is equal to VREF while the
input span is equal to 2
¥ VREF. The valid input range extends
from 0 to 2
¥ VREF. For example, if the REF191, a 2.048 V exter-
nal reference was selected, the valid input range extends from 0 to
4.096 V. In this case, 1 LSB of the AD9225 corresponds to 1 mV.
It is essential that a minimum of a 10
mF capacitor in parallel with a
0.1
mF low inductance ceramic capacitor decouple the reference
output to ground.
2
REF
0V
+5V
10 F
VINA
VINB
VREF
SENSE
AD9225
+5V
0.1 F
VREF
0.1 F
0.1 F
Figure 21. Input Range = 0 V to 2
¥ VREF
DIGITAL INPUTS AND OUTPUTS
Digital Outputs
The AD9225 output data is presented in positive true straight
binary for all input ranges. Table IV indicates the output data
formats for various input ranges regardless of the selected input
range. A twos complement output data format can be created by
inverting the MSB.
Table IV. Output Data Format
Input (V)
Condition (V)
Digital Output
OTR
VINA–VINB
< – VREF
0000 0000 0000
1
VINA–VINB
= – VREF
0000 0000 0000
0
VINA–VINB
= 0
1000 0000 0000
0
VINA–VINB
= + VREF – 1 LSB
1111 1111 1111
0
VINA–VINB
≥ + VREF
1111 1111 1111
1
1111 1111 1111
1111 1111 1111
1111 1111 1110
OTR
–FS
+FS
–FS+1/2 LSB
+FS –1/2 LSB
–FS –1/2 LSB
+FS –1 1/2 LSB
0000 0000 0001
0000 0000 0000
0000 0000 0000
1
0
0
0
0
1
OTR DATA OUTPUTS
Figure 22. Output Data Format
Out-Of-Range (OTR)
An out-of-range condition exists when the analog input voltage is
beyond the input range of the converter. OTR is a digital output
that is updated along with the data output corresponding to the
particular sampled analog input voltage. OTR has the same pipe-
line delay (latency) as the digital data. It is low when the analog
input voltage is within the analog input range. It is high when the
analog input voltage exceeds the input range as shown in Figure
23. OTR will remain high until the analog input returns within
the input range and another conversion is completed. By logical
ANDing OTR with the MSB and its complement, overrange high
or underrange low conditions can be detected. Table V is a truth
table for the overrange circuit in Figure 24 which uses NAND
gates. Systems requiring programmable gain conditioning of the
AD9225 input signal can immediately detect an out-of-range
condition, eliminating gain selection iterations. OTR can also be
used for digital offset and gain calibration.
Rev. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com