Electronic Components Datasheet Search
  English  ▼

X  

AD9288 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9288
Description  Dual A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices AD9288 Datasheet HTML 10Page - Analog Devices AD9288 Datasheet HTML 11Page - Analog Devices AD9288 Datasheet HTML 12Page - Analog Devices AD9288 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD9288
Rev. C | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
AINA
AINA
DFS
REFINA
REFOUT
REFINB
S1
S2
AINB
AINB
GND
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
NC
NC
VDD
GND
GND
VD
VD
NC = NO CONNECT
GND
GND
VDD
NC
NC
AD9288
TOP VIEW
(Not to Scale)
Figure 5. Pin Configuration
Table 3.
Pin No.
Name
Description
1, 12, 16, 27, 29,
32, 34, 45
GND
Ground
2
AINA
Analog Input for Channel A.
3
AINA
Analog Input for Channel A (Complementary).
4
DFS
Data Format Select. Offset binary output available if set low. Twos complement output available if set high.
5
REFINA
Reference Voltage Input for Channel A.
6
REFOUT
Internal Reference Voltage.
7
REFINB
Reference Voltage Input for Channel B.
8
S1
User Select 1. Refer to Table 4. Tied with respect to VD.
9
S2
User Select 2. Refer to Table 4. Tied with respect to VD.
10
AINB
Analog Input for Channel B (Complementary).
11
AINB
Analog Input for Channel B.
13, 30, 31, 48
VD
Analog Supply (3 V).
14
ENCB
Clock Input for Channel B.
15, 28, 33, 46
VDD
Digital Supply (3 V).
17–24
D7B–D0 B
Digital Output for Channel B.
25, 26, 35, 36
NC
Do Not Connect.
37–44
D0A–D7 A
Digital Output for Channel A.
47
ENC A
Clock Input for Channel A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com