Electronic Components Datasheet Search
  English  ▼

X  

SSM2603 Datasheet(PDF) 32 Page - Analog Devices

Part # SSM2603
Description  Low Power Audio Codec
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2603 Datasheet(HTML) 32 Page - Analog Devices

Back Button SSM2603 Datasheet HTML 25Page - Analog Devices SSM2603 Datasheet HTML 26Page - Analog Devices SSM2603 Datasheet HTML 27Page - Analog Devices SSM2603 Datasheet HTML 28Page - Analog Devices SSM2603 Datasheet HTML 29Page - Analog Devices SSM2603 Datasheet HTML 30Page - Analog Devices SSM2603 Datasheet HTML 31Page - Analog Devices SSM2603 Datasheet HTML 32Page - Analog Devices SSM2603 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Data Sheet
SSM2603
Rev. C | Page 31 of 32
OUTLINE DIMENSIONS
Figure 32. 28-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 x 5 mm Body, Very Very Thin Quad
(CP-28-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2603CPZ-REEL
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-28-6
SSM2603CPZ-REEL7
−40°C to +85°C
28-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-28-6
SSM2603-EVALZ
Evaluation Board
1
Z = RoHS Compliant Part.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
28
8
14
15
21
22
7
EXPOSED
PAD
PIN 1
INDICATOR
3.40
3.30 SQ
3.20
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.25
0.18
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
COMPLIANT
TO JEDEC STANDARDS MO-220-WHHD-3.
5.10
5.00 SQ
4.90
0.20 MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com