Electronic Components Datasheet Search
  English  ▼

X  

PCPW223 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCPW223
Description  Low inductive wound cell of metalized(PET) film
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW223 Datasheet(HTML) 1 Page - World Produts Inc.

  PCPW223 Datasheet HTML 1Page - World Produts Inc. PCPW223 Datasheet HTML 2Page - World Produts Inc. PCPW223 Datasheet HTML 3Page - World Produts Inc. PCPW223 Datasheet HTML 4Page - World Produts Inc. PCPW223 Datasheet HTML 5Page - World Produts Inc. PCPW223 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Pilkor components
Metallized Polyester
PCPW 223
film capacitors
317
MKT RADIAL POTTED CAPACITORS
Pitch 15.0/20.0/22.5mm
QUICK REFERENCE DATA
Capacitance range
Capacitance tolerance
Rated voltage (DC)
Climatic category
Temperature range
Reference specification
Potting & Encapsulation material
4.7㎌ ~ 22㎌
±10%
35V
40/105/21
-40
~ + 105
℃℃
IEC 60384-2 &
*)Tested acc. with AEC-Q200
Qualified in accordance with UL94V-0
*) Some test result does not meet AEC Q200, which is described in Supplement.
FEATURES
APPLICATIONS
. Low inductive wound cell of metalized(PET) film
. Supplied loose in box
. Blocking
. Bypassing/Coupling/Decoupling
. RFI for automotive
. High current applications
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCPW223

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
High ripple current
PCPW225LA2 WPI-PCPW225LA2 Datasheet
256Kb / 8P
High ripple current
PCPW225LA3 WPI-PCPW225LA3 Datasheet
256Kb / 8P
High ripple current
PCPW225LJ2 WPI-PCPW225LJ2 Datasheet
256Kb / 8P
High ripple current
PCPW225LJ3 WPI-PCPW225LJ3 Datasheet
256Kb / 8P
High ripple current
More results

Similar Description - PCPW223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
Metalized Polyester Film Capacitors Wrap-and-Fill
13-Nov-03
logo
Thermtrol Corporation
932A-100 THERMTROL-932A-100 Datasheet
305Kb / 2P
SURFACE MOUNT FILM PET HIGH CV
logo
RFE international
MEM104J1J050B250S RFE-MEM104J1J050B250S Datasheet
86Kb / 2P
METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
logo
AVX Corporation
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
NIC-Components Corp.
NSMX NIC-NSMX Datasheet
53Kb / 3P
Wound Metalized PPS Film Capacitor Chips
logo
FERYSTER Inductive Comp...
ETD29-K-H-5-08 FERYSTER-ETD29-K-H-5-08 Datasheet
141Kb / 1P
PET FR530
ETD39-K-V-16P FERYSTER-ETD39-K-V-16P Datasheet
127Kb / 1P
PET FR530
logo
Cornell Dubilier Electr...
225K100RA3-FA CDE-225K100RA3-FA Datasheet
220Kb / 4P
Radial PET Film Capacitors
logo
List of Unclassifed Man...
CFD-N ETC1-CFD-N Datasheet
216Kb / 4P
Resin Coated Metalized Polyester Film Capacitors
MDD ETC2-MDD Datasheet
185Kb / 10P
Resin Coated Metalized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com