Electronic Components Datasheet Search
  English  ▼

X  

PCRC420 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCRC420
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC420 Datasheet(HTML) 4 Page - World Produts Inc.

  PCRC420 Datasheet HTML 1Page - World Produts Inc. PCRC420 Datasheet HTML 2Page - World Produts Inc. PCRC420 Datasheet HTML 3Page - World Produts Inc. PCRC420 Datasheet HTML 4Page - World Produts Inc. PCRC420 Datasheet HTML 5Page - World Produts Inc. PCRC420 Datasheet HTML 6Page - World Produts Inc. PCRC420 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
150
SPECIFIC REFERENCE DATA FOR 250 VAC
Frequency
at 1 khz
Value ( Cap. + Res. )
Resistance (Ω)
22
47
120
Tangent of
loss angle
Capacitance
(µF)
0.033 ∼ 0.047
0.068 ∼ 0.1
0.15 ∼ 0.22
< 1.5%
< 3%
< 5%
< 3%
< 5%
< 10%
< 6%
< 10%
< 20%
Rated voltage pulse slope (dV/dt)R
100 V/μs
R between leads, for all value
〉
30 000 ㏁
Test voltage (DC) on line;
2250V, 1min
Withstanding(AC) Voltage between leads and case
2400 V ; 1 min
VRac = 250 V
~
CATALOGUE NUMBER
PCRC 420 .....
loose in box
lt = 4.0 ± 1.0 mm
20 < lt ≤ 25 mm
Cap.
(㎌)
Combination
Resistance
(Ω)
b x h x l
(mm)
C – tol ; ± 20 % & R – tol ; ± 10 %
Pitch = 15.0 ± 0.5 mm
d1 = 0.8 +0.08/-0.05 mm, d2 = 0.7 +0.08/-0.05 mm
22
11333
12333
47
21333
22333
0.033
120
31333
32333
22
11473
12473
47
21473
22473
0.047
120
8.5 x 15.0 x 18.0
31473
32473
22
11683
12683
47
21683
22683
0.068
120
31683
32683
22
11A04
12A04
47
21A04
22A04
0.1
120
11.0 x 19.0 x 18.0
31A04
32A04
Pitch = 17.5 ± 0.5 mm
d1 = 0.8 +0.08/-0.05 mm, d2 = 0.7 +0.08/-0.05 mm
22
11104
12104
47
21104
22104
0.1
120
8.0 x 17.0 x 22.0
31104
32104
22
11154
12154
47
21154
22154
0.15
120
9.0 x 17.5 x 22.0
31154
32154
22
11224
12224
47
21224
22224
0.22
120
10.5 x 18.5 x 22.0
31224
32224
Example : 68㎋ + 120Ω ( lt = 4 ±1.0 mm)
code number : PCRC 420 31683



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com