Electronic Components Datasheet Search
  English  ▼

X  

PCX2347F35 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCX2347F35
Description  Supplied loose in box and taped on reel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX2347F35 Datasheet(HTML) 5 Page - World Produts Inc.

  PCX2347F35 Datasheet HTML 1Page - World Produts Inc. PCX2347F35 Datasheet HTML 2Page - World Produts Inc. PCX2347F35 Datasheet HTML 3Page - World Produts Inc. PCX2347F35 Datasheet HTML 4Page - World Produts Inc. PCX2347F35 Datasheet HTML 5Page - World Produts Inc. PCX2347F35 Datasheet HTML 6Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Pilkor components
Series Impedance
PCX2 347
Film capacitors
161
MOUNTING
NORMAL USE
The capacitors are designed for mounting on printed-circuit boards.
The capacitors packed in bandoliers are designed for mounting on printed-circuit boards
by means of automatic insertion machines.
For detailed specifications refer to chapter "PACKAGING".
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATION AND SHOCK
In order to withstand vibration and shock tests, it must be ensured that the stand-off
pips are in good contact with the printed-circuit board.
. For pitches of 15mm the capacitors shall be mechanically fixed by leads.
. For larger pitches the capacitors shall be mounted in the same way and the body clamped.
SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD
The maximum length and width of film capacitors are shown in the following drawing ;
- Product height with seating plane as given by IEC 60717 as reference : hmax ≤ h+0.3mm
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply to an ambient temperature of 23±1℃, an
atmospheric pressure of 86 to 106kPa and a relative humidity 50±2%.
For reference testing, a conditioning period shall be applied of 96±4 hours by heating the products in a
circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
Maximum RMS Voltage as a function of frequency
Eccentricity
Imax = I +0.3 mm
b max = b + 0.3mm
10
3
10
2
10
1
10
1
10
2
10
3
10
5
10
4
AC
voltage
(V)
f(Hz)
AC voltage (RMS value) as a function of frequency at Tamb≤110℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com