Electronic Components Datasheet Search
  English  ▼

X  

LM76002 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM76002
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 3 Page - Texas Instruments

  LM76002 Datasheet HTML 1Page - Texas Instruments LM76002 Datasheet HTML 2Page - Texas Instruments LM76002 Datasheet HTML 3Page - Texas Instruments LM76002 Datasheet HTML 4Page - Texas Instruments LM76002 Datasheet HTML 5Page - Texas Instruments LM76002 Datasheet HTML 6Page - Texas Instruments LM76002 Datasheet HTML 7Page - Texas Instruments LM76002 Datasheet HTML 8Page - Texas Instruments LM76002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
2
3
4
23
25
24
PVIN
SW
SW
DAP
PVIN
PGND
SW
22
26
1
5
SW
SW
NC
21
6
VCC
PGND
PGND
RT
BIAS
20
7
PVIN
PGOOD
19
8
NC
SS/TRK
9
10
18
17
EN
BOOT
FB
SYNC/MODE
16
11
29
28
27
30
13
14
15
12
NC
NC
NC
NC
AGND
AGND
AGND
NC
3
LM76002, LM76003
www.ti.com
SNVSAK0 – OCTOBER 2017
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
RNP Package
30-Pin WQFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com