Electronic Components Datasheet Search
  English  ▼

X  

L4962EH Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4962EH
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962EH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4962EH Datasheet HTML 6Page - STMicroelectronics L4962EH Datasheet HTML 7Page - STMicroelectronics L4962EH Datasheet HTML 8Page - STMicroelectronics L4962EH Datasheet HTML 9Page - STMicroelectronics L4962EH Datasheet HTML 10Page - STMicroelectronics L4962EH Datasheet HTML 11Page - STMicroelectronics L4962EH Datasheet HTML 12Page - STMicroelectronics L4962EH Datasheet HTML 13Page - STMicroelectronics L4962EH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
APPLICATION INFORMATION (continued)
Figure 27. - A minimal 5.1V fixed regulator; Very few component are required
*
COGEMA 946043
(TOROID CORE)
969051
(U15 CORE)
** EKR (ROE)
Figure 28. Programmable power supply
Vo = 5.1V to 15V
Io = 1.5A max
Load regulation (0.5A to 1.5A) = 10mV (Vo = 5.1V)
Line regulation (220V
± 15% and to Io = 1A) = 15mV (Vo = 5.1V)
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com