Electronic Components Datasheet Search
  English  ▼

X  

ECWFD2J124 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWFD2J124
Description  Metallized Polypropylene Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2J124 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWFD2J124 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2J124 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2J124 Datasheet HTML 3Page - Panasonic Semiconductor ECWFD2J124 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Plastic Film Capacitors
Style AB
P
F
P0
F
Style E
P
P0
Style F
F
P
P0
T max.
0d±0.05
Copper-clad
steel-wire
L max.
Marking
F±1.0
Straight
Crimped lead
(Suffix B)
L max.
S±0.8
Marking
Crimped lead
(Suffix Q)
Cut lead
(Suffix C)
L max.
S±0.8
Marking
Marking
Type B
Type D
Unit : mm
● Packing quantity : 100 pcs./bag
Category temp. range
(Including temperature-rise on unit surface)
450 V.DC
– 40 °C to +110 °C
630 V.DC
– 40 °C to +105 °C
Rated voltage
450 V.DC (Derating of rated voltage by 0.62%/°C at more than 85°C Peak to peak
voltage applied on the capacitor should be less than 240 Vp-p, and zero to peak
voltage should be less than 450 Vo-p.
630 V.DC (Derating of rated voltage by 1.0%/°C at more than 85°C Peak to peak
voltage applied on the capacitor should be less than 400 Vp-p, and zero to peak
voltage should be less than 630 Vo-p.
Capacitance range
450 V.DC
0.1 μF to 4.7 μF
630 V.DC
0.047 μF to 4.7 μF
Capacitance tolerance
±5 %(J), ±10 %(K)
Dissipation factor (tan
d)
tan
d < 0.1 % ( 20 °C, 1 kHz )
Withstand voltage
Between terminals:Rated voltage (V.DC)
×150 %, 60 s
Insulation resistance (IR)
450 V.DC
C
< 0.33 μF : IR > 30000 MΩ
(20 °C, 100 V.DC, 60 s)
C > 0.33 μF : IR
> 10000 MΩ ∙ μF
630 V.DC
C
< 0.33 μF : IR > 9000 MΩ
(20 °C, 500 V.DC, 60 s)
C > 0.33 μF : IR
> 3000 MΩ ∙ μF
✽ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
● Taping style
✽ Refer to the page of taping specifications.
Type
Rated
voltage
(V.DC)
Capacitance range
(μF)
Taping style
Packing
suffix
AD AS AB BC DE F
ECWFD
450
0.10 to 0.39
◯
Ammo
3
0.47, 0.68, 1.0
◯
P3/Q3
0.10 to 0.39
◯
4
0.47, 0.68, 1.0
◯
P4/Q4
0.47 to 2.2
◯
4
630
0.047 to 0.22
◯
4
0.27 to 0.82
◯
4
1.0
◯
P4/Q4
● Taping style
● Lead spacing
Style
Lead spacing
AB
5.0 mm
E
7.5 mm
F
7.5 mm
Packaging specifications for bulk package
Taping specifications for automatic insertion
Dimensions
Specifications
Sep. 2017
03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com