Electronic Components Datasheet Search
  English  ▼

X  

KPA10 Datasheet(PDF) 2 Page - API Technologies Corp

Part # KPA10
Description  Attenuator Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

KPA10 Datasheet(HTML) 2 Page - API Technologies Corp

  KPA10 Datasheet HTML 1Page - API Technologies Corp KPA10 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model KPA10
Performance Characteristics
Typical Performance
10
15
Typical Performance
10dB
0
5
10dB
6dB
3dB
2dB
Physical Dimensions
0.0
1.0
2.0
3.0
4.0
Frequency Range, GHz
KPA10-X
Model Number:
Tolerance: .XXX = ±.010
KPA10 X
Model Number:
Tolerance: .XXX
±.010
2X .051 [1.30]
.040±.005
[1.02±0.13]
2X .050
[1.27]
.100
[2.54]
EDGE WRAP
Dimensions are for substrate only and do not
include terminal thickness or optional tinning
thickness.
.200 [5.08]
EDGE WRAP
© API Inmet, Inc. Proprietary Information         |          www.apitech.com         |          inmet.apitech.com         |  
+1 734‐426‐5553          |           inmet‐sales@apitech.com
Page #
Rev Date:03/07/17
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com