Electronic Components Datasheet Search
  English  ▼

X  

PI74ALVC162334 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74ALVC162334
Description  16-Bit Universal Bus Driver with 3-State Outputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVC162334 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74ALVC162334 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVC162334 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI74ALVC162334
16-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
5
PS8313
08/04/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
r
e
t
e
m
a
r
a
P
m
o
r
F
)
T
U
P
N
I
(
o
T
)
T
U
P
T
U
O
(
V
2
.
0
±
V
5
.
2
=
c
c
VV
7
.
2
=
c
c
VV
3
.
0
±
V
3
.
3
=
c
c
V
t
i
n
U
.
n
i
M
)
2
(
.
x
a
M
.
n
i
M
)
2
(
.
x
a
M
.
n
i
M
)
2
(
.
x
a
M
f x
a
m
0
5
10
5
10
5
1z
H
M
t d
p
A
Y
0
.
14
.
45
.
41
.
19
.
3
s
n
t d
p
E
L0
.
18
.
50
.
63
.
10
.
5
t d
p
K
L
C0
.
12
.
54
.
50
.
19
.
4
t n
e
E
O0
.
14
.
64
.
61
.
14
.
5
t si
d
E
O0
.
17
.
41
.
57
.
10
.
5
Switching Characteristics Over Operating Range(1)
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
Operating Characteristics, TA = 25°C
s
r
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
V
5
.
2
=
c
c
V
V
2
.
0
±
V
3
.
3
=
c
c
V
V
3
.
0
±
t
i
n
U
l
a
c
i
p
y
Tl
a
c
i
p
y
T
C
d
p
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
c
n
a
t
i
c
a
p
a
C
d
e
l
b
a
n
E
s
t
u
p
t
u
O
C
L
,
F
p
0
5
=
z
H
M
0
1
=
F
1
36
3
F
p
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O7
1
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com