Electronic Components Datasheet Search
  English  ▼

X  

DG19 Datasheet(PDF) 3 Page - Willow Technologies Ltd

Part # DG19
Description  pcb automotive / industrial relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DG19 Datasheet(HTML) 3 Page - Willow Technologies Ltd

  DG19 Datasheet HTML 1Page - Willow Technologies Ltd DG19 Datasheet HTML 2Page - Willow Technologies Ltd DG19 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DG19
pcb automotive relay
American Electronic Components Inc., 1101 Lafayette St. Elkhart, IN46516
Page 3 of 3
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Overall Dimensions
Fig. 1
Wiring Diagrams
Fig. 2
(Bottom View)
Dimensions in mm
Reference Curves
Fig.4
Specifications are subject to change without notice. E&OE.
Ref: DG19 051216JHM
Notes:
1: All parameters, unless otherwise specified, are measured at ambient temperature of 23ºC.
2: Electrical life obtained at resistive or inductive load at 40A, 13.5VDC, with suitable arc suppression circuit attached and with operating frequency of 1 op/sec.
3: Maximum make current refers to lamp load inrush current. Consult factory for motor and capacitive loads.
4: For optimum electrical life, please remove the knock off nib of the sealed version after cleaning process.
Open Frame
Covered
PCB Mounting Dimensions (Bottom View)
US Footprint
European Footprint
US Footprint
European Footprint
US Footprint
US Footprint
European Footprint
European Footprint
% Nominal Coil Voltage
Max. DC resistive load breaking capacity
SPST-NO
SPST-NC
SPDT
2.2
3.4
2.2
2.4
2.3
2.3
2.2
3.6
2.2
4.4
Max:Allowable
Ambient Temperature
VDC
Switching Voltage
*
*
*
* Terminal not fitted for standard US covered style
2.2
4.4
“Old” US Style Covered
Fig. 3
Available to special order only - Option 81D (MOQ will apply)
e.g DG19-3011-35-1012-81D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com