Electronic Components Datasheet Search
  English  ▼

X  

PST575 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST575
Description  System Reset Monolithic IC PST575
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST575 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST575 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST575 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST575 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST575 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST575 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST575 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
System Reset PST575
Equivalent Circuit Diagram
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit is Ω)
*1 : tpLH : VCC= (VS typ.-0.4V) (VS typ.+0.4V), tpHL : VCC= (VS typ.+0.4V) (VS typ.-0.4V), CL=100pF
*2: VCC=VS min.-0.15V
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~10
V
Allowable loss
Pd
200 (MMP-3A)
mW
300 (TO-92A)
Item
Symbol Measuring circuit
Measurement conditions
Min. Typ. Max. Units
PST575C
4.3
4.5
4.7
PST575D
4.0
4.2
4.4
PST575E
3.7
3.9
4.1
RL=470
PST575F
3.4
3.6
3.8
Detection voltage
VS
1VOL <
= 0.4V
PST575G
3.1
3.3
3.5
V
VCC=H
L
PST575H
2.9
3.1
3.3
PST575I
2.75 2.90 3.05
PST575J
2.55 2.70 2.85
PST575K
2.35 2.50 2.65
PST575L
2.15 2.30 2.45
Hysteresis voltage
VS
1RL=470, VCC=L
H
L
25
50
100
mV
Detection voltage
temperature coefficient
VS/
T
1
RL=470, Ta=-20°C~+75°C
±0.01
%/°C
Low-level output voltage
VOL
1
VCC=Vs min.-0.05V, RL=470
0.1
0.4
V
Output leakage current
IOH
1VCC=7.5V
±0.1
µA
Circuit current while on
ICCL
1
VCC=Vs min.-0.05V, RL=
∞
400
650
µA
Circuit current while off
ICCH
1VCC=Vs typ./0.85V, RL=
∞
7.5
12.0
µA
"H" transport delay time
tpLH
2
Rd=100k, Cd=0.01µF *1
0.75 1.25 1.75
mS
"L" transport delay time
tpHL
2
Rd=100k, Cd=0.01µF *16
20
µS
Operating power supply voltage
VopL
1
RL=4.7k
Ω, VOL <= 0.4V
0.65 0.85
V
Output current while on IIOL I1
VCC=Vs min.-0.05V, RL=0
830
mA
Output current while on II
IOL II
1
Ta=-20°C~+75°C, RL=0 *2
5mA
Threshold voltage for delay
Vtsh
1
VCC=5.0V, Rd=100k, Cd=0.01µF
3.5
3.7
3.9
V
time setting comparator (CO2)
RL=4.7k, CL=100pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com