Electronic Components Datasheet Search
  English  ▼

X  

CCR-39SX80-R Datasheet(PDF) 8 Page - Willow Technologies Ltd

Part # CCR-39SX80-R
Description  Commercial Latching Multi-throw, DC-12GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CCR-39SX80-R Datasheet(HTML) 8 Page - Willow Technologies Ltd

Back Button CCR-39SX80-R Datasheet HTML 2Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 3Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 4Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 5Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 6Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 7Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 8Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 9Page - Willow Technologies Ltd CCR-39SX80-R Datasheet HTML 10Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CCR-39 Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2013 TELEDYNE COAX SWITCHES
CCR-39S\072013\Q3
Series CCR-39S
Multi-Throw DC-12 GHz, SP7T & SP8T
Latching Coaxial Switch
COAX SWITCHES
Power Handling vs. Frequency
Estimates based on the following reference conditions:
• Ambient temperature of 40°C or less
• Sea level operation
• Load VSWR of 1.20:1 maximum
• No high-power (hot) switching
Please contact Teledyne Coax Switches for derating factors when applications do not meet the foregoing reference conditions.
TYPICAL POWER PERFORMANCE CURVE
3000
Frequency GHz
2000
1000
800
600
400
300
200
100
80
60
40
30
20
10
.1
.2
.3 .4
.6 .8 1
2
4
6 8 10
12
STANDARD
SMA
SWITCHES



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com