Electronic Components Datasheet Search
  English  ▼

X  

RN5003 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN5003
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN5003 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN5003 Datasheet HTML 1Page - Toshiba Semiconductor RN5003 Datasheet HTML 2Page - Toshiba Semiconductor RN5003 Datasheet HTML 3Page - Toshiba Semiconductor RN5003 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RN5003
2001-10-29
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-offcurrent
ICBO
―

VCB = 30V, IE = 0
―

―
0.1
µA
Emitter cut-off current
IEBO
―
VEB = 5V, IC = 0
0.385
0.50
0.714
mA
Collector-emitter breakdown voltage
V(BR)CES
―

IC = 10mA
30

―

―
V
hFE (1)
VCE = 2V, IC = 0.5A
100
―
400
DC current gain
hFE (2)
―
VCE = 2V, IC = 2.0A
30
―

―
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = 1A, IB = 0.05A
―
―
0.5
V
Base-emitter saturation voltage
VBE (sat)
―

IC = 1A, IB = 0.05A
―

―
1.2
V
Transition frequency
fT
―
VCE = 2V, IC = 0.5A
―
120
―
MHz
Collector output capacitance
Cob
―
VCB = 10V, IE = 0, f = 1 MHz
―
40
―
pF
Resistor
R
―

―
7

10
13
kΩ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com