Electronic Components Datasheet Search
  English  ▼

X  

RX179AF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RX179AF
Description  FIBER OPTIC RECEIVING MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RX179AF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RX179AF Datasheet HTML 1Page - List of Unclassifed Manufacturers RX179AF Datasheet HTML 2Page - List of Unclassifed Manufacturers RX179AF Datasheet HTML 3Page - List of Unclassifed Manufacturers RX179AF Datasheet HTML 4Page - List of Unclassifed Manufacturers RX179AF Datasheet HTML 5Page - List of Unclassifed Manufacturers RX179AF Datasheet HTML 6Page - List of Unclassifed Manufacturers RX179AF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image

     

 
  
   
#/

./0" $
!

13.2
-;
2  # 

< "=$
< 2>179

! 

'

?%# "3$
@)
?%A35 
A B3 
A!
< 2>59
 '

'

-C/ )  13.2-;D< "=$ -14.5 

E
- / )   13.2-;D< "=$
-

24 E
   
 
(A&'(

15
 3! 
*%7 6(
( 
=+ 3!

(
7)7 6(
( 

!  !3
(
." $8?%    "%%)  $ D 
  
?% %%   D %%
?% )   D )
2%  )  '5'F
"=$88"B5!;!!!G$7 %-
"3$8E)     />59>>


     


 







 
!"#
$%%&'"((
%%

R X179AF
Fiber Optic Receiving Module
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 7
Rev 1.1 Apr 2,2002



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com