Electronic Components Datasheet Search
  English  ▼

X  

TAS5760M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760M
Description  2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5760M Datasheet(HTML) 2 Page - Texas Instruments

  TAS5760M Datasheet HTML 1Page - Texas Instruments TAS5760M Datasheet HTML 2Page - Texas Instruments TAS5760M Datasheet HTML 3Page - Texas Instruments TAS5760M Datasheet HTML 4Page - Texas Instruments TAS5760M Datasheet HTML 5Page - Texas Instruments TAS5760M Datasheet HTML 6Page - Texas Instruments TAS5760M Datasheet HTML 7Page - Texas Instruments TAS5760M Datasheet HTML 8Page - Texas Instruments TAS5760M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
2
TAS5760M-Q1
SLOS988 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TAS5760M-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Digital I/O Pins .......................................................... 5
6.6
Master Clock ............................................................. 6
6.7
Serial Audio Port ....................................................... 6
6.8
Protection Circuitry.................................................... 6
6.9
Speaker Amplifier in All Modes ................................. 6
6.10
Speaker Amplifier in Stereo Bridge Tied Load (BTL)
Mode .......................................................................... 7
6.11
Speaker Amplifier in Mono Parallel Bridge Tied
Load (PBTL) Mode..................................................... 9
6.12
I²C Control Port ..................................................... 11
6.13
Typical Idle, Mute, Shutdown, Operational Power
Consumption ............................................................ 12
6.14
Typical Characteristics (Stereo BTL Mode):
fSPK_AMP = 384 kHz.................................................. 16
6.15
Typical Characteristics (Stereo BTL Mode):
fSPK_AMP = 768 kHz.................................................. 18
6.16
Typical Characteristics (Mono PBTL Mode):
fSPK_AMP = 384 kHz.................................................. 21
6.17
Typical Characteristics (Mono PBTL Mode):
fSPK_AMP = 768 kHz.................................................. 22
7
Parameter Measurement Information ................ 23
8
Detailed Description ............................................ 24
8.1
Overview ................................................................. 24
8.2
Functional Block Diagram ....................................... 24
8.3
Feature Description................................................. 25
8.4
Device Functional Modes........................................ 29
8.5
Register Maps ......................................................... 38
9
Application and Implementation ........................ 45
9.1
Application Information............................................ 45
9.2
Typical Applications ................................................ 45
10
Power Supply Recommendations ..................... 66
10.1
DVDD Supply ........................................................ 66
10.2
PVDD Supply ........................................................ 66
11
Layout................................................................... 66
11.1
Layout Guidelines ................................................. 66
11.2
Layout Example .................................................... 69
12
Device and Documentation Support ................. 73
12.1
Documentation Support ........................................ 73
12.2
Community Resources.......................................... 73
12.3
Trademarks ........................................................... 73
12.4
Electrostatic Discharge Caution ............................ 73
12.5
Glossary ................................................................ 73
13
Mechanical, Packaging, and Orderable
Information ........................................................... 73
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2017
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com