Electronic Components Datasheet Search
  English  ▼

X  

SC9200A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC9200A
Description  DTMF GENERATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9200A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC9200A Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9200A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Silan
Semiconductors
SC9200A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.02.02
2
BLOCK DIAGRAM
3.58MHz
Crystal/Resonator
Oscillator
DTMF
Serial Data
Input Circuit
Control
Circuit
DTMF
Generator
CLK
DATA
X2
X1
CE
Parallel Data
Input Circuit
D3
D2
D1
D0
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VSS
-0.3~6
V
Input Voltage
VIN
VSS-0.3~VDD+0.3
V
Storage Temperature
TSTG
-50~125
°C
Operating Temperature
TOPR
-20~75
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com