Electronic Components Datasheet Search
  English  ▼

X  

SC9200B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC9200B
Description  DTMF GENERATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9200B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SC9200B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9200B Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Silan
Semiconductors
SC9200A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.02.02
8
Tone frequency
Output Frequency (Hz)
Specified
Actual
%Error
697
699
+0.29%
770
766
-0.52%
852
847
-0.59%
941
948
+0.74%
1209
1215
+0.50%
1336
1332
-0.30%
1477
1472
-0.34%
% Error does not contain the crystal frequency drift
APPLICATION CIRCUIT
Serial mode
1
2
3
4
5
6
7
8
VDD
DTMF
DATA
CLK
VSS
X1
X2
SC9200
VDD
20pF
20pF
VSS
VDD
CE
CE
CLK
DATA
3.579545MHz
­C
Tone
output
VDD
Serial/parallel mode
1
2
3
4
14
13
12
11
VDD
DTMF
DATA
CLK
VSS
X1
X2
SC9200A/B
VDD
20pF
20pF
VSS
VDD
CE
CE
D0
D1
3.579545MHz
­C
Tone
output
VDD
D2
D3
CLK
DATA
S/P
5
6
7D1
D0
10
9
8
NC
D3
D2
S/P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com