Electronic Components Datasheet Search
  English  ▼

X  

SCN68652 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SCN68652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SCN68652 Datasheet HTML 11Page - NXP Semiconductors SCN68652 Datasheet HTML 12Page - NXP Semiconductors SCN68652 Datasheet HTML 13Page - NXP Semiconductors SCN68652 Datasheet HTML 14Page - NXP Semiconductors SCN68652 Datasheet HTML 15Page - NXP Semiconductors SCN68652 Datasheet HTML 16Page - NXP Semiconductors SCN68652 Datasheet HTML 17Page - NXP Semiconductors SCN68652 Datasheet HTML 18Page - NXP Semiconductors SCN68652 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
15
Table 7.
Transmit Data/Status Register (TDSR) (R/W except TDSR15)
BIT
NAME
MODE
FUNCTION
00–07
TxDB
BOP/BCP
Transmit data buffer. Contains processor loaded characters to be serialized in TxSR and
transmitted on TxSO.
08
TSOM
Transmitter start of message. Set by the processor to initiate message transmission provided
TxE = 1.
BOP
TSOM = 1 generates FLAGs. When TSOM = 0 transmission is from TxDB and FCS
generation (if specified) begins. FCS, as specified by PCSAR8–10, should be CRC–CCITT
preset to 1’s.
BCP
TSOM = 1 generates SYNCs from PCSARL or transmits from TxDB for IDLE = 0 or 1
respectively. When TSOM = 0 transmission is from TxDB and CRC generation (if specified)
begins.
09
TEOM
Transmit end of message. Used to terminate a transmitted message.
BOP
TEOM = 1 causes the FCS and the closing FLAG to be transmitted following the transmission
of the data character in TxSR. FLAGs are transmitted until TEOM = 0. ABORT or GA are
transmitted if TABORT or TGA are set when TEOM = 1.
BCP
TEOM = 1 causes CRC–16 to be transmitted (if selected) followed by SYNCs from PCSARL
or TxDB (IDLE = 0 or 1). Clearing TEOM prior to the end of CRC–16 transmission (when
TxBE = 1) causes TxSO to be marked following the CRC–16. TxE must be dropped before a
new message can be initiated. If CRC is not selected, TEOM should not be set.
10
TABORT
BOP
Transmitter abort = 1 will cause ABORT or FLAG to be sent (IDLE = 1 or 1) after the current
character is transmitted. (ABORT = 11111111)
11
TGA
BOP
Transmit go ahead (GA) instead of FLAG when TEOM = 1. This facilitates repeater
termination in loop mode. (GA = 01111111)
12–14
Not Defined
15
TERR
Read
only
Transmitter error = 1 indicates the TxDB has not been loaded in time (one character time–1/2
TxC period after TxBE is asserted) to maintain continuous transmission. TxU will be asserted
to inform the processor of this condition. TERR is cleared by setting TSOM. See timing
diagram.
BOP
ABORT’s or FLAG’s are sent as fill characters (IDLE = 0 or 1)
BCP
SYNC’s or MARK’s are sent as fill characters (IDLE = 0 or 1). For IDLE = 1 the last character
before underrun is not valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com