Electronic Components Datasheet Search
  English  ▼

X  

RGS-PR9000 Datasheet(PDF) 2 Page - ORing Industrial Networking Corp

Part # RGS-PR9000
Description  Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-PR9000 Datasheet(HTML) 2 Page - ORing Industrial Networking Corp

  RGS-PR9000 Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-PR9000 Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-PR9000 Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-PR9000 Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-PR9000 Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-PR9000 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
www.oring-networking.com
1-70
▪
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring redundant
ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover technology.
▪
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy topology for any backbone
network, O-Chain allows multiple redundant network rings of different redundancy protocols to join and function together as a larger and more robust
compound network topology. O-Chain providing ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness
in one set of network redundancy topology.
▪
MRP*NOTE 1 : Media Redundancy Protocol (MRP) is a data network protocol standardized by the IEC 62439-2. It allows rings of Ethernet switches to
overcome any single failure with recovery time much faster than achievable with Spanning Tree Protocol.
▪
Application-Based QoS : The switch also support application-based QoS. Application-based QoS can set highest priority for data stream according to
TCP/UDP port number.
▪
Device Binding Function : ORing special Device Binding function can only permit allowed IP address with MAC address to access the network. Hacker
cannot access the IP surveillance network without permission. It can avoid hacker from stealing video privacy data and attacking IP camera, NVR and
controllers.
▪
Advanced DOS/DDOS Auto Prevention : The switch also provided advanced DOS/DDOS auto prevention. If there is any IP flow become big in short
time, the switch will lock the source IP address for certain time to prevent the attack. It's hardware based prevention so it can prevent DOS/DDOS attack
immediately and completely.
▪
Modbus TCP : This is a Modbus variant used for communications over TCP/IP networks.
▪
IEEE 802.3az Energy-Efficient Ethernet : This is a set of enhancements to the twisted-pair and backplane Ethernet family of networking standards
that will allow for less power consumption during periods of low data activity. The intention was to reduce power consumption by 50% or more.
▪
IEEE 1588v2 Technology : The IEEE 1588v2 technology can fulfill precision time synchronization requirements for protection and control applications.
▪
Modular Designed : Modular designed can makes network planning easy and allow greater flexibility by letting you install other Ethernet/Optical fiber
modular.
Industrial Ethernet Switch Rack-Mount Managed Gigabit Ethernet Switch
v2.0a / Jun, 2017
Power Generation
SCADA
SCADA
RGS-PR9000
SCADA
IGS-7084GCP
IGS-7084GCP
PLC
PLC
PLC
O-Ring
Control Center
Control Center
Control Center
PLC
IP Camera
IGPS-1041GTPA
IDS-5042
IGS-7084GCP
IGS-7084GCP
Transmission
Distribution
IMG-111 IDS-5011-WG
Smart Metering
*NOTE 1 : This function is available by request only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com