Electronic Components Datasheet Search
  English  ▼

X  

TSVC Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSVC
Description  MULITLAYER CHIP VARISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSVC Datasheet(HTML) 1 Page - Suntan Capacitors

  TSVC_17 Datasheet HTML 1Page - Suntan Capacitors TSVC_17 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MULITLAYER CHIP VARISTOR
Suntan®
TSVC
Applications
TSVC is widely used in Notebook, PDA, Cellular
Phone, MP3,Main board, LCM, HUB, Microphone,
Wireless LAN, VOIP, Auto electronic and so on.
F E A T U R E S
Fast responsibility
Low working voltage
Low capacitance
Low leakage current
 Low clampin voltage
 Bi-directional
 Suit to reflow soldering ,wave
soldering hand solderin.
◆
Dimensions (unit: inches)
Size
Length(L)
Width(W)
0603
0.06
0.03
0805
0.08
0.05
1206
0.12
0.06
1210
0.12
0.10
1812
0.18
0.12
2220
0.22
0.2
How To Order
TSVC 0603
G
140 P
C
T
①
②
③
④
⑤
⑥
⑦
①
Series Name
②
Size Code Inches.
③
Series Code
E:ESD, G:Normal, H:Highpower
④
VDC
140=14V, 5R6=5.6V
⑤
Termination
S=Ag
P=Ag/Ni/Sn
⑥
Nominal Cap
A:0~5pF, B:5.1~10pF, C:10.1~50pF,
D:50.1~100pF, E:100.1~500pF,
F:500.1~1000pF, G:1000.1~1500pF, H:1500.1~2000pF
J:1.5~5pF, K:8~11pF, X:no capacitance
⑦
Package Style: T=tape
C=bulk
◆
Static Discharge Susceptibility of Some Normal Devices
◆
Recommend Item for System Data 1/0 Used
Device description
Data Rate & Frequency
Rise time
Capacitance
USB 2.0 Data Port
480M bps
0.5~0.6ns
< 4pF
USB 1.1 Data Port
12M bps
4~20ns
5~10pF
Wireless Device
1.5M bps
75~300ns
5~10pF
RS232, 1rDA1.0
115.0K
1 us~8us
10~100pF
Audio(Microphone/Speaker)
20~20KHz
0.05ms~5ms
10~1000pF
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSVC_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSVC0603G140PCT SUNTAN-TSVC0603G140PCT Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
More results

Similar Description - TSVC_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TSVC SUNTAN-TSVC Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.24.12
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
logo
Shanghai Leiditech Elec...
LDT3225-391K LEIDITECH-LDT3225-391K Datasheet
694Kb / 5P
Specifications for Chip Varistor
LDT4635-391K LEIDITECH-LDT4635-391K Datasheet
1Mb / 5P
Specifications for Chip Varistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com