Electronic Components Datasheet Search
  English  ▼

X  

TLV707P Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV707P Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 16Page - Texas Instruments TLV707P Datasheet HTML 17Page - Texas Instruments TLV707P Datasheet HTML 18Page - Texas Instruments TLV707P Datasheet HTML 19Page - Texas Instruments TLV707P Datasheet HTML 20Page - Texas Instruments TLV707P Datasheet HTML 21Page - Texas Instruments TLV707P Datasheet HTML 22Page - Texas Instruments TLV707P Datasheet HTML 23Page - Texas Instruments TLV707P Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
TLV707Series
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1
F
Ceramic
m
20
TLV707, TLV707P
SBVS153E – FEBRUARY 2011 – REVISED FEBRUARY 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV707 series is a low-dropout regulator (LDO) with low quiescent current that delivers excellent line and
load transient performance. This LDO regulator offers current limit and thermal protection. The operating junction
temperature of this device series is –40°C to 125°C.
8.2 Typical Application
Figure 59. Typical Application Circuit
8.2.1 Design Requirements
Provide an input supply with adequate headroom to meet minimum VIN requirements (as shown in Table 1),
compensate for the GND pin current, and to power the load.
Table 1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
1.8 V - 3.6 V
Output voltage
1.2 V
Output current
100-mA
8.2.2 Detailed Design Procedure
8.2.2.1 Input and Output Capacitor Requirements
Generally, 1.0-µF X5R- and X7R-type ceramic capacitors are recommended because these capacitors have
minimal variation in value and equivalent series resistance (ESR) over temperature.
However, the TLV707 is designed to be stable with an effective capacitance of 0.1 µF or larger at the output.
Thus, the device is stable with capacitors of other dielectric types as well, as long as the effective capacitance
under operating bias voltage and temperature is greater than 0.1 µF. This effective capacitance refers to the
capacitance that the LDO detects under operating bias voltage and temperature conditions; that is, the
capacitance after taking both bias voltage and temperature derating into consideration. In addition to allowing the
use of less expensive dielectrics, this capability of being stable with 0.1-µF effective capacitance also enables the
use of smaller footprint capacitors that have higher derating in size- and space-constrained applications.
Using a 0.1-µF rated capacitor at the output of the LDO does not ensure stability because the effective
capacitance under the specified operating conditions is less than 0.1 µF. Maximum ESR must be less than
200 m
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com