Electronic Components Datasheet Search
  English  ▼

X  

AC12FGML Datasheet(PDF) 49 Page - Teccor Electronics

Part # AC12FGML
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FGML Datasheet(HTML) 49 Page - Teccor Electronics

Back Button AC12FGML Datasheet HTML 45Page - Teccor Electronics AC12FGML Datasheet HTML 46Page - Teccor Electronics AC12FGML Datasheet HTML 47Page - Teccor Electronics AC12FGML Datasheet HTML 48Page - Teccor Electronics AC12FGML Datasheet HTML 49Page - Teccor Electronics AC12FGML Datasheet HTML 50Page - Teccor Electronics AC12FGML Datasheet HTML 51Page - Teccor Electronics AC12FGML Datasheet HTML 52Page - Teccor Electronics AC12FGML Datasheet HTML 53Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 223 page
background image
Data Sheets
Alternistor Triacs
©2002 Teccor Electronics
E4 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
General Notes
•
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless specified otherwise.
•
Operating temperature range (TJ) is -40 °C to +125 °C.
•
Storage temperature range (TS) is -40 °C to +125 °C.
•
Lead solder temperature is a maximum of 230 °C for 10 seconds
maximum
≥1/16" (1.59 mm) from case.
•
The case temperature (TC) is measured as shown in the dimen-
sional outline drawings. See “Package Dimensions” section.
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage (VGT) with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E4.1 through Figure E4.4 for current rating at specific
operating temperature and Figure 4.16 for free air rating (no heat
sink).
(5) See Figure E4.5 and Figure E4.6 for iT and vT.
(6) See Figure E4.7 for VGT versus TC.
(7) See Figure E4.8 for IGT versus TC.
(8) See Figure E4.9 for IH versus TC.
(9) See Figure E4.10 and Figure E4.11 for surge rating with specific
durations.
IDRM
VGT
VTM
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (18)
mAmps
(2) (6)
(15) (17)
(20)
Volts
(1) (5)
Volts
(1) (8)
(12)
mAmps
(14)
Amps
(14)
Watts
Watts
(9) (13)
Amps
(1) (4) (13)
Volts/µSec
(1)
Volts/
µSec
(10)
µSec
Amps2Sec
(19)
Amps/µSec
TC =
25 °C
TC =
100 °C
TC =
125 °C
TC =
25 °C
TC =
25 °C
60/50 Hz
TC =
100 °C
TC =
125 °C
MAX
MAX
MAX
MAX
MIN
MIN
TYP
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
500
400
3
166
100
0.05
0.5
27
1.5
1.6
35
2
20
0.5
200/167
20
400
350
3
166
100
0.05
0.5
2
1.5
1.6
35
2
20
0.5
200/167
20
300
250
3
166
100
0.1
1
3
1.5
1.6
35
2
20
0.5
200/167
20
275
200
3
166
100
0.1
3
1.5
1.6
35
2
20
0.5
200/167
20
200
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
650
500
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
600
475
3
166
100
0.05
0.5
2
2
1.6
50
2
20
0.5
200/167
25
500
400
3
166
100
0.1
1
3
2
1.6
50
2
20
0.5
200/167
25
425
350
3
166
100
0.1
3
2
1.6
50
2
20
0.5
200/167
25
300
3
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
875
600
5
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
875
600
5
166
100
0.05
0.5
2
2.5
1.6
70
2
20
0.5
200/167
30
800
520
5
166
100
0.1
1
3
2.5
1.6
70
2
20
0.5
200/167
30
700
475
5
166
100
0.1
3
2.5
1.6
70
2
20
0.5
200/167
30
350
5
166
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
875
600
5
259
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
875
600
5
259
100
0.05
0.5
2
2.5
1.8
100
2
20
0.5
250/208
30
800
520
5
259
100
0.1
1
3
2.5
1.8
100
2
20
0.5
250/208
30
700
475
5
259
100
0.1
3
2.5
1.8
100
2
20
0.5
250/208
30
400
5
259
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
650
500
3
508
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
600
475
3
508
100
0.05
0.5
2
2
1.4
75
2
20
0.5
350/290
20
500
400
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
650
500
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
600
475
3
508
100
0.05
0.5
2
2
1.5
75
2
20
0.5
350/290
20
500
400
3
508
100
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1100
700
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1100
700
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
1000
625
5
664
150
0.2
2
5
2.5
1.8
120
4
40
0.8
400/335
50
900
575
5
664
150
0.2
5
2.5
1.8
120
4
40
0.8
400/335
50
500
5
664
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com