Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 168 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 168 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 164Page - Teccor Electronics AC12FSM Datasheet HTML 165Page - Teccor Electronics AC12FSM Datasheet HTML 166Page - Teccor Electronics AC12FSM Datasheet HTML 167Page - Teccor Electronics AC12FSM Datasheet HTML 168Page - Teccor Electronics AC12FSM Datasheet HTML 169Page - Teccor Electronics AC12FSM Datasheet HTML 170Page - Teccor Electronics AC12FSM Datasheet HTML 171Page - Teccor Electronics AC12FSM Datasheet HTML 172Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 223 page
background image
AN1006
Application Notes
http://www.teccor.com
AN1006 - 16
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Model 370 Curve Tracer Procedure Notes
Because the curve tracer procedures in this application note are
written for the Tektronix model 576 curve tracer, certain settings
must be adjusted when using model 370. Variable Collector Sup-
ply Voltage Range and Power Dissipation controls have different
scales than model 576. The following table shows the guidelines
for setting Power Dissipation when using model 370.
(Figure AN1006.27)
Although the maximum power setting on the model 370 curve
tracer is 200 W, the maximum collector voltage available is only
400 V at 220 W. The following table shows the guidelines for
adapting Collector Supply Voltage Range settings for model 370
curve tracer procedures:
The following table shows the guidelines for adapting terminal
selector knob settings for model 370 curve tracer procedures:
Model 576
Model 370
If power dissipation is 0.1 W,
set at 0.08 W.
If power dissipation is 0.5 W,
set at 0.4 W.
If power dissipation is 2.2 W,
set at 2 W.
If power dissipation is 10 W,
set at 10 W.
If power dissipation is 50 W,
set at 50 W.
If power dissipation is 220 W,
set at 220 W.
Model 576
Model 370
If voltage range is 15 V,
set at 16 V.
If voltage range is 75 V,
set at 80 V.
If voltage range is 350 V,
set at 400 V.
If voltage range is 1500 V,
set at 2000 V.
Model 576
Model 370
If Step generator (base) is emitter grounded, then Base Step generator is
emitter common.
If Emitter grounded is open base,
then Base open is emitter
common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com