Electronic Components Datasheet Search
  English  ▼

X  

AC12FSM Datasheet(PDF) 170 Page - Teccor Electronics

Part # AC12FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC12FSM Datasheet(HTML) 170 Page - Teccor Electronics

Back Button AC12FSM Datasheet HTML 166Page - Teccor Electronics AC12FSM Datasheet HTML 167Page - Teccor Electronics AC12FSM Datasheet HTML 168Page - Teccor Electronics AC12FSM Datasheet HTML 169Page - Teccor Electronics AC12FSM Datasheet HTML 170Page - Teccor Electronics AC12FSM Datasheet HTML 171Page - Teccor Electronics AC12FSM Datasheet HTML 172Page - Teccor Electronics AC12FSM Datasheet HTML 173Page - Teccor Electronics AC12FSM Datasheet HTML 174Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 223 page
background image
AN1006
Application Notes
http://www.teccor.com
AN1006 - 18
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Model 577 Curve Tracer Procedure Notes
Because the curve tracer procedures in this application note are written for the Tektronix model 576 curve tracer, certain settings must
be adjusted when using model 577. Model 576 curve tracer has separate controls for polarity (AC,+,-) and mode (Norm, DC, Leakage),
whereas Model 577 has only a polarity control. The following table shows the guidelines for setting Collector Supply Polarity when
using model 577. (Figure AN1006.28)
One difference between models 576 and 577 is the Step/Offset
Polarity setting. The polarity is inverted when the button is
depressed on the Model 576 curve tracer. The Model 577 is
opposite
the Step/Offset Polarity is “inverted” when the button
is extended and “Normal” when the button is depressed. The
Step/Offset Polarity is used only when measuring IGT and VGT of
triacs and Quadracs in Quadrants l through lV.
Also, the Variable Collector Supply Voltage Range and Power
Dissipation controls have different scales than model 576. The
following table shows the guidelines for setting Power Dissipation
when using model 577.
Although the maximum power setting on model 576 curve tracer
is 220 W (compared to 100 W for model 577), the maximum col-
lector current available is approximately the same. This is due to
the minimum voltage range on model 577 curve tracer being
6.5 V compared to 15 V for model 576. The following table shows
the guidelines for adapting Collector Voltage Supply Range set-
tings for model 577 curve tracer procedures:
Model 576
Model 577
If using Leakage mode along with polarity setting of +(NPN) and -(PNP),
[vertical scale divided by 1,000],
set Collector Supply Polarity to either +DC or -DC, depending on polarity setting
specified in the procedure. The vertical scale is read directly from the scale on the
control knob.
If using DC mode along with either +(NPN) or -(PNP) polarity,
set Collector Supply Polarity to either +DC or -DC depending on polarity
specified.
If using Norm mode along with either +(NPN) or -(PNP) polarity,
set Collector Supply Polarity to either +(NPN) or -(PNP) per specified procedure.
If using Norm mode with
AC polarity,
set Collector Supply Polarity to AC.
Model 576
Model 577
If power dissipation is 0.1 W,
set at 0.15 W.
If power dissipation is 0.5 W,
set at 0.6 W.
If power dissipation is 2.2 W,
set at 2.3 W.
If power dissipation is 10 W,
set at 9 W.
If power dissipation is 50 W,
set at 30 W.
If power dissipation is 220 W,
set at 100 W.
Model 576
Model 577
If voltage range is 15 V,
set at either 6.5 V or 25 V, depending on parameter
being tested. Set at 6.5 V when measuring VTM (to
allow maximum collector current) and set at 25 V
when measuring IGT and VGT.
If voltage range is 75 V,
set at 100 V.
If voltage range is 1500 V,
set at 1600 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com