Electronic Components Datasheet Search
  English  ▼

X  

SI5902DC Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI5902DC
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5902DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5902DC Datasheet HTML 1Page - Vishay Siliconix SI5902DC Datasheet HTML 2Page - Vishay Siliconix SI5902DC Datasheet HTML 3Page - Vishay Siliconix SI5902DC Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si5902DC
Vishay Siliconix
www.vishay.com S FaxBack 408-970-5600
2-8
Document Number: 71053
S-21251—Rev. A, 05-Aug-02
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS =VGS,ID = 250 mA
1.0
V
Gate-Body Leakage
IGSS
VDS =0 V, VGS = 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS =24 V,VGS =0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS =24 V,VGS =0 V, TJ =85_C
5
mA
On-State Drain Currenta
ID(on)
VDS ≥ 5V,VGS =10 V
10
A
Drain-Source On-State Resistancea
rDS(on)
VGS =10 V,ID =2.9 A
0.072
0.085
Ω
Drain-Source On-State Resistancea
rDS(on)
VGS =4.5 V, ID =2.2 A
0.120
0.143
Ω
Forward Transconductancea
gfs
VDS =15 V,ID =2.9 A
20
S
Diode Forward Voltagea
VSD
IS =0.9 A, VGS =0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
5
7.5
Gate-Source Charge
Qgs
VDS =15 V, VGS =10 V,ID =2.9 A
0.8
nC
Gate-Drain Charge
Qgd
1.0
Turn-On Delay Time
td(on)
7
11
Rise Time
tr
VDD =15 V,RL =15 Ω
12
18
Turn-Off Delay Time
td(off)
VDD = 15 V, RL = 15 Ω
ID ≅ 1A,VGEN =10 V,RG =6 Ω
12
18
ns
Fall Time
tf
7
11
Source-Drain Reverse Recovery Time
trr
IF = 0.9 A, di/dt = 100 A/ms
40
80
Notes
a.
Pulse test; pulse width ≤ 300 ms, duty cycle ≤ 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
1234
5
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 10thru5V
TC = 125_C
--55_C
4V
25_C
Output Characteristics
Transfer Characteristics
VDS -- Drain-to-Source Voltage (V)
VGS -- Gate-to-Source Voltage (V)
3V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com