Electronic Components Datasheet Search
  English  ▼

X  

TMP235 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP235
Description  Low-Power, High-Accuracy Analog Output Temperature Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP235 Datasheet HTML 4Page - Texas Instruments TMP235 Datasheet HTML 5Page - Texas Instruments TMP235 Datasheet HTML 6Page - Texas Instruments TMP235 Datasheet HTML 7Page - Texas Instruments TMP235 Datasheet HTML 8Page - Texas Instruments TMP235 Datasheet HTML 9Page - Texas Instruments TMP235 Datasheet HTML 10Page - Texas Instruments TMP235 Datasheet HTML 11Page - Texas Instruments TMP235 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2.3 V to 5.5 V
GND
OUT
VDD
CBP
RMUX
Input
Pin
CFILTER
TI Device
CSAMPLE
Reset
Sample
CMUX
Simplified Input Circuit of
SAR Analog-to-Digital Converter
RSS
8
TMP235, TMP236
SBOS857 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TMP235 TMP236
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The features of the TMP23x series make the series well-suited for various general temperature-sensing
applications. The TMP235 and TMP236 devices can operate down to a 2.3-V supply or a 3.1-V supply with 9-µA
power consumption, respectively. As a result, the series is well-suited for battery-powered applications. The
TMP23x series is mounted in two surface mount technology packages (SC70 and SOT-23.)
8.2 Typical Applications
8.2.1 Connection to an ADC
Figure 1. Suggested Connection to a Sampling Analog-to-Digital Converter Input Stage
8.2.1.1 Design Requirements
Most CMOS ADCs in microcontrollers and ASICs have a sampled data comparator input structure. When the
ADC charges the sampling capacitor, the capacitor requires instantaneous charge from the output of the analog
source (such as the TMP23x temperature sensor). The output impedance of the sensor can affect ADC
performance. In most cases, adding an external capacitor (CFILTER) mitigates design challenges. TI recommends
a 0.1-µF external capacitor for typical applications. This external capacitor reduces the sensor source impedance
and limits noise coupling. TI recommends placing the capacitor as close as possible to the ADC input for optimal
performance.
8.2.1.2 Detailed Design Procedure
The size of CFILTER depends on the size of the sampling capacitor and the sampling frequency. The charge
requirements may vary because not all ADCs have identical input stages. Figure 1 shows a general ADC
application as an example only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com