Electronic Components Datasheet Search
  English  ▼

X  

SI-3150C Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # SI-3150C
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3150C Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button SI-3150C Datasheet HTML 2Page - Allegro MicroSystems SI-3150C Datasheet HTML 3Page - Allegro MicroSystems SI-3150C Datasheet HTML 4Page - Allegro MicroSystems SI-3150C Datasheet HTML 5Page - Allegro MicroSystems SI-3150C Datasheet HTML 6Page - Allegro MicroSystems SI-3150C Datasheet HTML 7Page - Allegro MicroSystems SI-3150C Datasheet HTML 8Page - Allegro MicroSystems SI-3150C Datasheet HTML 9Page - Allegro MicroSystems SI-3150C Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
TM
8
Tape and Reel Dimensions in Millimeters
(controlling dimensions)
0.7
8.0
CENTER LINES
OF CAVITY
COVER TAPE
Dwg. MA-015-1
2.5
0.3
USER DIRECTION OF UNREELING
2.0
180
13
± 0.2
60
Dwg. MA-018-1
(MEASURED AT HUB
TAPE SLOT
IN CORE
FOR TAPE
START
ACCESS
HOLE
13.0
± 0.3
(MEASURED AT HUB
15.4
± 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com