Electronic Components Datasheet Search
  English  ▼

X  

SM3015DX Datasheet(PDF) 12 Page - SamHop Microelectronics Corp.

Part # SM3015DX
Description  REMOTE FAN MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3015DX Datasheet(HTML) 12 Page - SamHop Microelectronics Corp.

Back Button SM3015DX Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 12Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 13Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 14Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 15Page - SamHop Microelectronics Corp. SM3015DX Datasheet HTML 16Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Page 12
K. BUZZER
Any key pressed on panel or fan controller receives a control signal from remote control
handset, will generate a 4KHz 50% duty cycle pulse train on buzzer output pin.
a. When FAN is from stop mode to start mode (press SPEED or ON_OFF key)
Buzzer output will generate a "BI-BI" sound.
b. When FAN is from start mode to stop mode (press OFF/ON_OFF key)
Buzzer output will generate a long "BI" sound.
c. When FAN is operating (press any key other than OFF/ON_OFF key)
Buzzer output will generate a "BI" sound.
When
a = c = e = 62ms
b = 124ms
d = 250ms
* MASK OPTION
Fan controller will generate a 150ms duration 2KHz 50% duty cycle pulse train on BUZ output
pin.
a
b
c
d
e
V.2.0 Mar 8, 2002
SM3015
SAMHOP Microelectronics Corp.
三合微科股份有限公司
REMOTE FAN MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com