Electronic Components Datasheet Search
  English  ▼

X  

DI8 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # DI8
Description   interface relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DI8 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  DI8 Datasheet HTML 1Page - Willow Technologies Ltd DI8 Datasheet HTML 2Page - Willow Technologies Ltd DI8 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.willow.co.uk
Sales Department Tel: +44 1342 717102
DI8 series
interface relays
Contacts
Contact number & arrangement
SPDT ( 1 C/O), DPDT (2 C/O)
Contact material
AgNi 90/10
Max. switching voltage
AC/DC 440VAC / 125VDC
Min. switching current / voltage
5mA / 5VDC
Rated load
AC1 SPDT: 10A, 250VAC (Sensitive Coil) / 12A, 250VAC / 16A, 250VAC : DPDT: 8A, 250VAC
DC1 SPDT: 10A, 30VDC (Sensitive Coil) / 12A, 30VDC / 16A, 24VDC : DPDT: 8A, 250VAC
Max. inrush current
30A
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 12, 24V
AC 24, 110, 230V
Must release voltage
DC ≥ 0.1Un
AC ≥ 0.15Un
Operating range of supply voltage
See coil tables 1 and 2
Rated power consumption
DC 250mW (10A, Sensitive Coil) / 400mW (standard)
AC 0.75VA
Insulation
Insulation resistance
≤ 1000MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 7ms
Release time (typical)
mS ≤ 3ms
Electrical Life
ops ≥ 0.7 x 105 (16A), ≥ 1.0 x 105 (10A, 12A)
Mechanical life
ops ≥ 3 x 107
Dimensions
L x W x H 75.8 x 15.7 x 67 mm (depends on socket and clip choice)
Weight
approx 62g with module
Ambient temperature
storage -40 to 85°C
operating -40 to 85°C (DC coil) / -40 to 70°C (AC coil)
Shock resistance
30g
Vibration resistance
10g 10...150Hz
• miniature DIN rail power relay
• up to 16A /230V AC rating
• industry standard style
• cost effective
• RoHS Compliant
Ref: DI8 070313JHM
Specifications are subject to change without notice. E&OE.


Similar Part No. - DI8

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DI8 AEC-DI8 Datasheet
441Kb / 3P
interface relays
logo
List of Unclassifed Man...
DI8884A ETC2-DI8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
More results

Similar Description - DI8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
1SVR405661R0000 ETC1-1SVR405661R0000 Datasheet
104Kb / 2P
Accessories for pluggable interface relays CR-U Pluggable function modules
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
logo
American Electronic Com...
DI8 AEC-DI8 Datasheet
441Kb / 3P
interface relays
logo
Willow Technologies Ltd
D2RS WILLOW-D2RS Datasheet
331Kb / 3P
industrial interface relays
D41F WILLOW-D41F Datasheet
681Kb / 3P
interface relays
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com