Electronic Components Datasheet Search
  English  ▼

X  

TSV911 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TSV911
Description  Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSV911 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TSV911 Datasheet HTML 17Page - Texas Instruments TSV911 Datasheet HTML 18Page - Texas Instruments TSV911 Datasheet HTML 19Page - Texas Instruments TSV911 Datasheet HTML 20Page - Texas Instruments TSV911 Datasheet HTML 21Page - Texas Instruments TSV911 Datasheet HTML 22Page - Texas Instruments TSV911 Datasheet HTML 23Page - Texas Instruments TSV911 Datasheet HTML 24Page - Texas Instruments TSV911 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
5 kW
10-mA maximum
V+
V
IN
V
OUT
I
OVERLOAD
Device
21
TSV911, TSV912, TSV914
www.ti.com
SBOS878A – JULY 2017 – REVISED OCTOBER 2017
Product Folder Links: TSV911 TSV912 TSV914
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The TSV91x series is specified for operation from 2.5 V to 5.5 V (±1.25 V to ±2.75 V); many specifications apply
from –40°C to +125°C. The Typical Characteristics section presents parameters that can exhibit significant
variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 6 V can permanently damage the device; see the Absolute
Maximum Ratings table.
Place 0.1-µF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the section.
10.1 Input and ESD Protection
The TSV91x series incorporates internal ESD protection circuits on all pins. For input and output pins, this
protection consists of current-steering diodes connected between the input and power-supply pins. These ESD
protection diodes provide in-circuit, input overdrive protection, as long as the current is limited to 10-mA, as
stated in the Absolute Maximum Ratings table. Figure 37 shows how a series input resistor is added to the driven
input to limit the input current. The added resistor contributes thermal noise at the amplifier input and the value
must be kept to a minimum in noise-sensitive applications.
Figure 37. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com