Electronic Components Datasheet Search
  English  ▼

X  

TUSB564I Datasheet(PDF) 31 Page - Texas Instruments

Part # TUSB564I
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564I Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB564I Datasheet HTML 27Page - Texas Instruments TUSB564I Datasheet HTML 28Page - Texas Instruments TUSB564I Datasheet HTML 29Page - Texas Instruments TUSB564I Datasheet HTML 30Page - Texas Instruments TUSB564I Datasheet HTML 31Page - Texas Instruments TUSB564I Datasheet HTML 32Page - Texas Instruments TUSB564I Datasheet HTML 33Page - Texas Instruments TUSB564I Datasheet HTML 34Page - Texas Instruments TUSB564I Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
31
TUSB564
www.ti.com
SLLSF29A – OCTOBER 2017 – REVISED OCTOBER 2017
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters shown in Table 19.
Table 19. Design Parameters
PARAMETER
VALUE
A to B PCB trace length, XAB
12 inches
C to D PCB trace length, XCD
12 inches
E to F PCB trace length, XEF
2 inches
G to H PCB trace length, XGH
2 inches
PCB trace width
4 mils
AC-coupling capacitor (75 nF to 265 nF)
100 nF
VCC supply (3 V to 3.6 V)
3.3 V
I2C Mode or GPIO Mode
I2C Mode. (I2C_EN pin != "0")
1.8V or 3.3V I2C Interface
3.3V I2C. Pull-up the I2C_EN pin to 3.3V with a 1K
ohm resistor. CTL1, EQ[1:0], SSEQ[1:0], and
DPEQ[1:0] pin unconnected.
EQ setting for DisplayPort Lanes
EQ Setting # 5 (Register 0x0A[4] = 1'b1, 0x10 =
0x55; 0x11 = 0x55)
EQ setting for Downstream USB Data Path
EQ Setting # 6 (Register 0x0A[4] = 1'b1, 0x20 =
0x66)
EQ setting for Upstream USB Data Path
EQ Setting # 6 (Register 0x0A[4] = 1'b1, 0x21 =
0x08)
9.2.2 Detailed Design Procedure
A typical usage of the TUSB564 device is shown in Figure 27. The device can be controlled either through its
GPIO pins or through its I2C interface. In the example shown below, a Type-C PD controller is used to configure
the device through the I2C interface. In I2C mode, the equalization settings for each receiver can be
independently controlled through I2C registers. For this reason, the configuration pin CTL1 and all of the
equalization pins (EQ[1:0], SSEQ[1:0], and DPEQ[1:0]) can be left unconnected. If these pins are left
unconnected, the TUSB564 7-bit I2C slave address will be 0x12 because both DPEQ/A1 and SSEQ0/A0 will be
at pin level "F". If a different I2C slave address is desired, DPEQ/A1 and SSEQ0/A0 pins should be set to a level
which produces the desired I2C slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com