Electronic Components Datasheet Search
  English  ▼

X  

UCC28056 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28056
Description  6-Pin Single-Phase Transition-Mode PFC Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28056 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC28056 Datasheet HTML 9Page - Texas Instruments UCC28056 Datasheet HTML 10Page - Texas Instruments UCC28056 Datasheet HTML 11Page - Texas Instruments UCC28056 Datasheet HTML 12Page - Texas Instruments UCC28056 Datasheet HTML 13Page - Texas Instruments UCC28056 Datasheet HTML 14Page - Texas Instruments UCC28056 Datasheet HTML 15Page - Texas Instruments UCC28056 Datasheet HTML 16Page - Texas Instruments UCC28056 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
UCC28056
www.ti.com
SLUSD37 – OCTOBER 2017
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Assume that full power operation at minimum Line operation will be in CrM mode. In this case, the PFC inductor
value required to deliver maximum power from minimum Line can be calculated from the maximum switch ON
time (TONMAX0) using following expression:
(6)
Input power demand is expressed as the ratio of input power over maximum input power
(7)
Arranging this to express TON(α) time as a function of power demand gives:
(8)
Equation (8) represents the CrM/DCM TON control principle implemented by UCC28056. This equation is
quadratic in nature but UCC28056 employs the value of δONDCH(α) from previous cycles as the basis for
computing TON(α) for the current cycle. The process is much the same as solving an equation numerically by
iteration.
For light load operation the CrM/DCM controller is faced with a range of possible operating frequencies. At one
extreme, it can operate at high frequency with low current pulses in CrM mode (TDCM = 0). At the other extreme it
can operate, in DCM mode, at minimum frequency (TDCM = TDCMMax) with current pulses of maximum amplitude.
The controller can select a TDCM value that lies anywhere between these two extremes. Conduction loss will
normally dominate when operating at minimum operating frequency leading to reduced efficiency. Switching loss
will normally dominate when operating at maximum operating frequency (CrM) also leading to reduced efficiency.
Typically the most efficient operating frequency occurs when the pulse current amplitude is around one third of its
maximum value.
(9)
(10)
UCC28056 transitions from CrM to DCM operation when the peak inductor current across a Line Cycle drops
below ILPkOpt. While in DCM operation it adjusts the switching frequency to ensure that the peak inductor current
across a Line Cycle remains close to ILPkOpt for all Line and Load conditions. In this way, UCC28056 attempts to
maximize efficiency for all loads and for all Line voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com