Electronic Components Datasheet Search
  English  ▼

X  

NTE1908 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1908
Description  Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 100mA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1908 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1908 Datasheet HTML 1Page - NTE Electronics NTE1908 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1908
Integrated Circuit
Positive 3 Terminal Voltage Regulator,
24V, 100mA
Description:
The NTE1908 voltage regulator is an inexpensive, easy–to–use device in a TO92 type package suitable
for a multitude of applications that require a regulated supply of up to 100mA. This device features internal
current limiting and thermal shutdown making the NTE1908 remarkably rugged. No external components
are required in many applications.
The NTE1908 offers a substantial performance advantage over the traditional zener diode–resistor
combination, as output impedance and quiescent current are substantially reduced.
Features:
D Low Cost
D ±5% Tolerance
D Internal Short–Circuit Current Limiting
D Internal Thermal Overload Protection
D No External Components Required
D Complementary to NTE1909 Negative Regulator
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Input Voltage, VI
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
0
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Junction Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VI = 33V, IO = 40mA, CI = 0.33µF, CO = 0.1µF, 0° < TJ < +125°C
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
TJ = +25°C
22.1
24.0
25.9
V
28V
≤ VI ≤ 38V, 1mA ≤ IO ≤ 40mA
21.6
–
26.4
V
28V
≤ VI ≤ 33V, 1mA ≤ IO ≤ 70mA
21.6
–
26.4
V
Line Regulation
Regline
TJ = +25°C,
27.5V
≤ VI ≤ 38V
–
35
350
mV
IO = 40mA
28V
≤ VI ≤ 80V
–
30
300
mV


Similar Part No. - NTE1908

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE190 NTE-NTE190 Datasheet
22Kb / 2P
Silicon NPN Transistor High Voltage Amplifier
NTE1900 NTE-NTE1900 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator
NTE1901 NTE-NTE1901 Datasheet
24Kb / 3P
Integrated Circuit Negative Adjustable Voltage Regulator, -1.2V to -37V, 100mA
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
More results

Similar Description - NTE1908

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1902 NTE-NTE1902 Datasheet
22Kb / 2P
Integrated Circuit 3 Terminal Positive Voltage Regulator 9V, 100mA
NTE1906 NTE-NTE1906 Datasheet
22Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 18V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
NTE1924 NTE-NTE1924 Datasheet
24Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 24V, 1.5A
NTE1956 NTE-NTE1956 Datasheet
22Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 24V, 1A
NTE1960 NTE-NTE1960 Datasheet
27Kb / 3P
Integrated Circuit Positive, 3-Terminal Voltage Regulator
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE972 NTE-NTE972 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 24V
NTE981 NTE-NTE981 Datasheet
24Kb / 3P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
NTE988 NTE-NTE988 Datasheet
24Kb / 2P
Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com